Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL6205 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL6205
Description  Laser Driver Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL6205 Datasheet(HTML) 7 Page - Intersil Corporation

  EL6205 Datasheet HTML 1Page - Intersil Corporation EL6205 Datasheet HTML 2Page - Intersil Corporation EL6205 Datasheet HTML 3Page - Intersil Corporation EL6205 Datasheet HTML 4Page - Intersil Corporation EL6205 Datasheet HTML 5Page - Intersil Corporation EL6205 Datasheet HTML 6Page - Intersil Corporation EL6205 Datasheet HTML 7Page - Intersil Corporation EL6205 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Also important is circuit-board layout. At the EL6205's
operating frequencies, even the ground plane is not low-
impedance. High frequency current will create voltage drops
in the ground plane. Figure 3 shows the output current loop.
For the current loop, the current flows through the supply
bypass-capacitor. The ground end of the bypass thus should
be connected directly to the EL6205 ground pin and laser
ground. A long ground return path will cause the bypass
capacitor currents to generate voltage drops in the ground
plane of the circuit board, and other components (such as
RFREQ) will pick this up as an interfering signal. Similarly,
the ground return of the load should be considered, as noisy
and other grounded components should not connect to this
path. Slotting the ground plane around the load's return will
reduce adjacent grounded components from seeing the
noise.
Power Dissipation
It is important to calculate the maximum junction
temperature for the application to determine if the conditions
need to be modified for the oscillator to remain in the safe
operating area.
The maximum power dissipation allowed in a package is
determined according to:
where:
PDMAX = Maximum power dissipation in the package
TJMAX = Maximum junction temperature
TAMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
The supply current of the EL6205 depends on the peak-to-
peak output current and the operating frequency which are
determined by resistor RFREQ. The supply current can be
predicted approximately by the following equations:
The power dissipation can be calculated from the following
equation:
Here, VSUP is the supply voltage and VLAS is the average
voltage of the laser diode. Figure 4 provides a convenient
way to see if the device may overheat. The maximum safe
power dissipation can be found graphically, based on the
ambient temperature and JEDEC standard single layer PCB.
For flex circuits, the
θJA could be higher. By using the
previous equation, it is possible to estimate if PD exceeds
the device's power derating curve. To ensure proper
operation, it is important to observe the recommended
derating curve shown in Figure 4.
FIGURE 3. OUTPUT CURRENT LOOP
Sourcing Current Loop
Supply
Bypass
LOAD
RFREQ
RAMP
GND
(8-Pin
Package)
P
DMAX
T
JMAX - TAMAX
Θ
JA
---------------------------------------------
=
I
SUP1
35mA
1k
×
R
FREQ
----------------------------------
0.5mA
+
=
I
SUP2
50
I
IN
0.5
×
×
=
P
D
V
SUP
I
SUP1
V
(
SUP - VLAS )
I
SUP2
×
+
×
=
FIGURE 4. PACKAGE POWER DISSIPATION vs
AMBIENT TEMPERATURE
JEDEC JESD51-7 HIGH EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
0.5
0.45
0.3
0.2
0.15
0.1
0.05
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
85
435mW
θJA=230°C/W
SOT23-5/6
0.4
0.25
0.35
125
JEDEC JESD51-3 LOW EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
0.45
0.4
0.25
0.15
0.1
0.05
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
85
391mW
θ
JA =
25
6°C
/W
SO
T2
3-5
-6
0.35
0.2
0.3
125
EL6205


Similar Part No. - EL6205

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6205C ELANTEC-EL6205C Datasheet
133Kb / 2P
   Laser Driver Oscillator
EL6205CW ELANTEC-EL6205CW Datasheet
133Kb / 2P
   Laser Driver Oscillator
More results

Similar Description - EL6205

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6203C ELANTEC-EL6203C Datasheet
155Kb / 2P
   Laser Driver Oscillator
EL6205C ELANTEC-EL6205C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6204 INTERSIL-EL6204 Datasheet
154Kb / 10P
   Laser Driver Oscillator
EL6203 INTERSIL-EL6203 Datasheet
169Kb / 10P
   Laser Driver Oscillator
EL6202 INTERSIL-EL6202 Datasheet
116Kb / 8P
   Laser Driver Oscillator
logo
Renesas Technology Corp
EL6203 RENESAS-EL6203 Datasheet
616Kb / 11P
   Laser Driver Oscillator
August 8, 2007
logo
Intersil Corporation
EL6203 INTERSIL-EL6203_07 Datasheet
199Kb / 11P
   Laser Driver Oscillator
logo
Elantec Semiconductor
EL6204C ELANTEC-EL6204C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6206 INTERSIL-EL6206 Datasheet
136Kb / 7P
   Laser Driver Oscillator
EL6204 INTERSIL-EL6204_07 Datasheet
228Kb / 11P
   Laser Driver Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com