Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL6205 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL6205
Description  Laser Driver Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL6205 Datasheet(HTML) 6 Page - Intersil Corporation

  EL6205 Datasheet HTML 1Page - Intersil Corporation EL6205 Datasheet HTML 2Page - Intersil Corporation EL6205 Datasheet HTML 3Page - Intersil Corporation EL6205 Datasheet HTML 4Page - Intersil Corporation EL6205 Datasheet HTML 5Page - Intersil Corporation EL6205 Datasheet HTML 6Page - Intersil Corporation EL6205 Datasheet HTML 7Page - Intersil Corporation EL6205 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Applications Information
Product Description
The EL6205 is a solid state, low-power, high-speed laser
modulation oscillator with external resistor-adjustable
operating frequency. It is designed to interface easily to laser
diodes to break up optical feedback resonant modes and
thereby reduce laser noise. The output of the EL6205 is
composed of a push current source switched at the oscillator
frequency. The output and oscillator are automatically
disabled for power saving when the average input current
drops to less than 100µA. The EL6205 has the operating
frequency from 60-600MHz and the output current from
10mAP-P to 100mAP-P. The supply current is only 30mA
(includes laser current) for the output current of 50mAP-P at
the operating frequency of 350MHz.
Theory of Operation
A typical semiconductor laser will emit a small amount of
incoherent light at low values of forward laser current. But
after the threshold current is reached, the laser will emit
coherent light. Further increases in the forward current will
cause rapid increases in laser output power. A typical
threshold current is 35mA and a typical slope efficiency is
0.7mW/mA.
When the laser is lasing, it will often change its mode of
operation slightly, due to changes in current, temperature, or
optical feedback into the laser. In a DVD-ROM, the optical
feedback from the moving disk forms a significant noise
factor due to feedback-induced mode hopping. In addition to
the mode hopping noise, a diode laser will roughly have a
constant noise level regardless of the power level when a
threshold current is exceeded.
The oscillator is designed to produce a low noise oscillating
current that is provided to the laser diode. The current is to
cause the laser power to change at the oscillator frequency.
This change causes the laser to go through rapid mode
hopping. The low frequency component of laser power noise
due to mode hopping is translated up to sidebands around
the oscillator frequency by this action. Since the oscillator
frequency can be filtered out of the low frequency read and
serve channels, the net result is that the laser noise seems
to be reduced. The second source of laser noise reduction is
caused by the increase in the laser power above the average
laser power during the pushing-current time. The signal-to-
noise ratio (SNR) of the output power is better at higher laser
powers because of the almost constant noise power when a
threshold current is exceeded. In addition, when the laser is
off during no output current time, the noise is also very low.
Setting the IIN Current
By looking the typical application circuit, it can be seen that
the push only oscillator is more efficient at the laser than the
conventional push-pull oscillator. The significant current from
the main board is reduced to be IIN (≤2mA), while the
oscillator takes on the role of supplying the total laser
current.
The IIN current is the previous read current (reduced in
amplitude). Thus it does not need to be set, since it is within
the control loop. The current capability of the external source
for IIN should be made large enough to power the worst,
hottest old laser.
RFREQ Pin Interfacing
Figure 1 shows an equivalent circuit of pins associated with
the RFREQ resistor. VREF is roughly 1.27V. The resistor
RFREQ should be connected to the non-load side of the
power ground to avoid noise. This resistor should also return
to the EL6202’s ground very directly to prevent noise pickup.
They also should have minimal capacitance to ground.
Trimmer resistors can be used to adjust initial operating
points.
External voltage sources can be coupled to the RFREQ pin
to effect frequency modulation or adjustment. It is
recommended that a coupling resistor of 1k be installed in
series with the control voltage and mounted directly next to
the pin. This will keep the inevitable high-frequency noise of
the EL6205's local environment from propagating to the
modulation source, and it will keep parasitic capacitance at
the pin minimized.
Supply Bypassing and Grounding
The resistance of bypass-capacitors and the inductance of
bonding wires prevent perfect bypass action, and 150mVP-P
noise on the power lines is common. There needs to be a
lossy series bead inductance and secondary bypass on the
supply side to control signals from propagating down the
wires. Figure 2 shows the typical connection.
-
+
PIN
VREF
FIGURE 1. RFREQ PIN INTERFACE
FIGURE 2. RECOMMENDED SUPPLY BYPASSING
+5V
VS
L Series: 70
Ω reactance at
300MHz (see text)
0.1µF
Chip
EL6205
GND
0.1µF
Chip
EL6205


Similar Part No. - EL6205

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6205C ELANTEC-EL6205C Datasheet
133Kb / 2P
   Laser Driver Oscillator
EL6205CW ELANTEC-EL6205CW Datasheet
133Kb / 2P
   Laser Driver Oscillator
More results

Similar Description - EL6205

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6203C ELANTEC-EL6203C Datasheet
155Kb / 2P
   Laser Driver Oscillator
EL6205C ELANTEC-EL6205C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6204 INTERSIL-EL6204 Datasheet
154Kb / 10P
   Laser Driver Oscillator
EL6203 INTERSIL-EL6203 Datasheet
169Kb / 10P
   Laser Driver Oscillator
EL6202 INTERSIL-EL6202 Datasheet
116Kb / 8P
   Laser Driver Oscillator
logo
Renesas Technology Corp
EL6203 RENESAS-EL6203 Datasheet
616Kb / 11P
   Laser Driver Oscillator
August 8, 2007
logo
Intersil Corporation
EL6203 INTERSIL-EL6203_07 Datasheet
199Kb / 11P
   Laser Driver Oscillator
logo
Elantec Semiconductor
EL6204C ELANTEC-EL6204C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6206 INTERSIL-EL6206 Datasheet
136Kb / 7P
   Laser Driver Oscillator
EL6204 INTERSIL-EL6204_07 Datasheet
228Kb / 11P
   Laser Driver Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com