Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL6205 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL6205
Description  Laser Driver Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL6205 Datasheet(HTML) 3 Page - Intersil Corporation

  EL6205 Datasheet HTML 1Page - Intersil Corporation EL6205 Datasheet HTML 2Page - Intersil Corporation EL6205 Datasheet HTML 3Page - Intersil Corporation EL6205 Datasheet HTML 4Page - Intersil Corporation EL6205 Datasheet HTML 5Page - Intersil Corporation EL6205 Datasheet HTML 6Page - Intersil Corporation EL6205 Datasheet HTML 7Page - Intersil Corporation EL6205 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Control Table
IIN
IOUT
≤ 100µA
OFF
≥ 300µA
Normal Operation
Pin Descriptions
PIN NUMBER
PIN NAME
PIN DESCRIPTION
1
IOUT
Current output to laser diode
2
VDD
Positive power for chip and laser driver (4.5V - 5.5V)
3
GND1
Chip ground pin
4
IN
Set pin for output current amplitude
5
GND2
Chip ground pin (0V for RFREQ)
6
RFREQ
Set pin for oscillator frequency
Recommended Operating Conditions
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ±10%
VOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2V-3V
RFREQ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3kΩ (min)
IIN. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2mA (max)
FOSC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .60-600MHz
IOUT. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15-100mAPK-PK
Typical Performance Curves
VDD = 5V, TA = 25°C, RL = 10Ω, RFREQ = 5.21kΩ, IIN = 1mA, VOUT = 2.2V unless otherwise specified.
0
100
500
Frequency (MHz)
Frequency Distribution
200
300
400
Typical
Production
Distortion
0
1
8
Frequency TC (ppm/°C)
Frequency Drift with Temperature
3
5
7
Measured from
-40°C to +85°C
2
4
6
EL6205


Similar Part No. - EL6205

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6205C ELANTEC-EL6205C Datasheet
133Kb / 2P
   Laser Driver Oscillator
EL6205CW ELANTEC-EL6205CW Datasheet
133Kb / 2P
   Laser Driver Oscillator
More results

Similar Description - EL6205

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6203C ELANTEC-EL6203C Datasheet
155Kb / 2P
   Laser Driver Oscillator
EL6205C ELANTEC-EL6205C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6204 INTERSIL-EL6204 Datasheet
154Kb / 10P
   Laser Driver Oscillator
EL6203 INTERSIL-EL6203 Datasheet
169Kb / 10P
   Laser Driver Oscillator
EL6202 INTERSIL-EL6202 Datasheet
116Kb / 8P
   Laser Driver Oscillator
logo
Renesas Technology Corp
EL6203 RENESAS-EL6203 Datasheet
616Kb / 11P
   Laser Driver Oscillator
August 8, 2007
logo
Intersil Corporation
EL6203 INTERSIL-EL6203_07 Datasheet
199Kb / 11P
   Laser Driver Oscillator
logo
Elantec Semiconductor
EL6204C ELANTEC-EL6204C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6206 INTERSIL-EL6206 Datasheet
136Kb / 7P
   Laser Driver Oscillator
EL6204 INTERSIL-EL6204_07 Datasheet
228Kb / 11P
   Laser Driver Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com