Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL6204 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL6204
Description  Laser Driver Oscillator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL6204 Datasheet(HTML) 2 Page - Intersil Corporation

  EL6204 Datasheet HTML 1Page - Intersil Corporation EL6204 Datasheet HTML 2Page - Intersil Corporation EL6204 Datasheet HTML 3Page - Intersil Corporation EL6204 Datasheet HTML 4Page - Intersil Corporation EL6204 Datasheet HTML 5Page - Intersil Corporation EL6204 Datasheet HTML 6Page - Intersil Corporation EL6204 Datasheet HTML 7Page - Intersil Corporation EL6204 Datasheet HTML 8Page - Intersil Corporation EL6204 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Absolute Maximum Ratings (TA = 25°C)
Voltages Applied to:
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.0V
IOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.0V
RFREQ, RAMP. . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.0V
Operating Ambient Temperature Range . . . . . . . . . . . 0°C to +70°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mAPK-PK
Power Dissipation (max) . . . . . . . . . . . . . . . . . . . . . . . . See Curves
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Supply & Reference Voltage Characteristics VDD = +5V, TA = 25°C, RL = 10Ω, RFREQ = 5210Ω (FOSC = 350MHz), RAMP =
2540
Ω (I
OUT = 50mAP-P measured at 60MHz), VOUT = 2.2V
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
PSOR
Power Supply Operating Range
4.5
5.5
V
ISO
Supply Current Disabled
VOUT < VCUTOFF
550
750
µA
ISTYP
Supply Current Typical Conditions
RFREQ = 5.21kΩ, RAMP = 2.54kΩ
18.5
22
mA
ISLO
Supply Current Low Conditions
RFREQ = 30.5kΩ, RAMP = 12.7kΩ
4.75
mA
ISHI
Supply Current High Conditions
RFREQ = 3.05kΩ, RAMP = 1.27kΩ
32
mA
VFREQ
Voltage at RFREQ Pin
1.27
V
VRAMP
Voltage on RAMP Pin
1.27
V
VCUTOFF
Monitoring Voltage of IOUT Pin
1.1
1.4
V
Oscillator Characteristics
VDD = +5V, TA = 25°C, RL = 10Ω, RFREQ = 5210Ω (FOSC = 350MHz), RAMP = 2540Ω (IOUT = 50mAP-P
measured at 60MHz), VOUT = 2.2V
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
FOSC
Frequency Tolerance
Unit-unit frequency variation
300
350
400
MHz
FHIGH
Frequency Range High
RFREQ = 3.05kΩ
600
MHz
FLOW
Frequency Range Low
RFREQ = 30.5kΩ
60
MHz
TCOSC
Frequency Temperature Sensitivity
0°C to +70°C ambient
50
ppm/°C
PSRROSC
Frequency Change
∆F/F
VDD from 4.5V to 5.5V
1
%
Driver Characteristics
VDD = +5V, TA = 25°C, RL = 10Ω, RFREQ = 30.5kΩ (FOSC = 60MHz), RAMP = 2540Ω (IOUT = 50mAP-P
measured at 60MHz), VOUT = 2.2V
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
AMPHIGH
Amplitude Range High
RAMP = 1.27kΩ
100
mAP-P
AMPLOW
Amplitude Range Low
RAMP = 12.7kΩ
10
mAP-P
IOSNOM
Offset Current @ 2.2V
RFREQ = 5210Ω, VOUT = 2.2V
-4
mA
IOSHIGH
Offset Current @ 2.8V
RFREQ = 5210Ω, VOUT = 2.8V
-4.8
mA
IOSLOW
Offset Current @ 1.8V
RFREQ = 5210Ω, VOUT = 1.8V
-3.5
mA
IOUTP-P
Output Current Tolerance
Defined as one standard deviation
2
%
Duty Cycle
Output Push Time/Cycle Time
RFREQ = 5210Ω
43
%
PSRRAMP
Amplitude Change of Output
∆I/I
VDD from 4.5V to 5.5V
-54
dB
TON
Auto Turn-on Time
Output voltage step from 0V to 2.2V
15
µs
TOFF
Auto Turn-off Time
Output voltage step from 2.2V to 0V
0.5
µs
IOUTN
Output Current Noise Density
RFREQ = 5210Ω, measured @ 10MHz
2.5
nA/
√Hz
EL6204


Similar Part No. - EL6204

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL6204 INTERSIL-EL6204 Datasheet
228Kb / 11P
   Laser Driver Oscillator
logo
Renesas Technology Corp
EL6204 RENESAS-EL6204 Datasheet
590Kb / 12P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6204 INTERSIL-EL6204 Datasheet
348Kb / 12P
   Laser Driver Oscillator
October 28, 2015
logo
Elantec Semiconductor
EL6204C ELANTEC-EL6204C Datasheet
133Kb / 2P
   Laser Driver Oscillator
EL6204CW ELANTEC-EL6204CW Datasheet
133Kb / 2P
   Laser Driver Oscillator
More results

Similar Description - EL6204

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6203C ELANTEC-EL6203C Datasheet
155Kb / 2P
   Laser Driver Oscillator
EL6205C ELANTEC-EL6205C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6203 INTERSIL-EL6203 Datasheet
169Kb / 10P
   Laser Driver Oscillator
EL6202 INTERSIL-EL6202 Datasheet
116Kb / 8P
   Laser Driver Oscillator
EL6205 INTERSIL-EL6205 Datasheet
129Kb / 8P
   Laser Driver Oscillator
logo
Renesas Technology Corp
EL6203 RENESAS-EL6203 Datasheet
616Kb / 11P
   Laser Driver Oscillator
August 8, 2007
logo
Intersil Corporation
EL6203 INTERSIL-EL6203_07 Datasheet
199Kb / 11P
   Laser Driver Oscillator
logo
Elantec Semiconductor
EL6204C ELANTEC-EL6204C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6206 INTERSIL-EL6206 Datasheet
136Kb / 7P
   Laser Driver Oscillator
EL6204 INTERSIL-EL6204_07 Datasheet
228Kb / 11P
   Laser Driver Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com