Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL6204 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL6204
Description  Laser Driver Oscillator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL6204 Datasheet(HTML) 1 Page - Intersil Corporation

  EL6204 Datasheet HTML 1Page - Intersil Corporation EL6204 Datasheet HTML 2Page - Intersil Corporation EL6204 Datasheet HTML 3Page - Intersil Corporation EL6204 Datasheet HTML 4Page - Intersil Corporation EL6204 Datasheet HTML 5Page - Intersil Corporation EL6204 Datasheet HTML 6Page - Intersil Corporation EL6204 Datasheet HTML 7Page - Intersil Corporation EL6204 Datasheet HTML 8Page - Intersil Corporation EL6204 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN7219.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL6204
Laser Driver Oscillator
The EL6204 is a push-pull oscillator
used to reduce laser noise. It uses the
standard interface to existing ROM
controllers. The frequency and amplitude are each set with a
separate resistor connected to ground. The tiny package and
harmonic reduction allow the part to be placed close to a
laser with low RF emissions. An auto turn-off feature allows it
to easily be used on combo CD-RW plus DVD-ROM pick-
ups.
If the APC current is reduced such that the average laser
voltage drops to less than 1.1V, the output and oscillator are
disabled, reducing power consumption to a minimum.
The current drawn by the oscillator consists of a small utility
current, plus the peak output amplitude in the positive cycle.
In the negative cycle the oscillator subtracts peak output
amplitude from the laser APC current.
The EL6204 part is available in the space-saving 6-pin SOT-
23 package and is specified for operation from 0
°C to +70°C.
Pinout
EL6204
(6-PIN SOT-23)
TOP VIEW
Features
• Low power dissipation
• User-selectable frequency from 60MHz to 600MHz
controlled with a single resistor
• User-specified amplitude from 10mAPK-PK to
100mAPK-PK controlled with a single resistor
• Auto turn-off threshold
• Soft edges for reduced EMI
• Small 6-pin SOT-23 package
Applications
•DVD players
• DVD-ROM drives
• CD-RW drives
• MO drives
• General purpose laser noise reduction
• Local oscillators
1
2
3
6
5
4
IOUT
VDD
GND1
RFREQ
GND2
RAMP
Ordering Information
PART NUMBER
PACKAGE
TAPE & REEL PKG. DWG. #
EL6204CW-T7
6-Pin SOT-23
7” (3K pcs)
MDP0038
EL6204CW-T7A
6-Pin SOT-23
7” (250 pcs)
MDP0038
Data Sheet
March 1, 2004


Similar Part No. - EL6204

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL6204 INTERSIL-EL6204 Datasheet
228Kb / 11P
   Laser Driver Oscillator
logo
Renesas Technology Corp
EL6204 RENESAS-EL6204 Datasheet
590Kb / 12P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6204 INTERSIL-EL6204 Datasheet
348Kb / 12P
   Laser Driver Oscillator
October 28, 2015
logo
Elantec Semiconductor
EL6204C ELANTEC-EL6204C Datasheet
133Kb / 2P
   Laser Driver Oscillator
EL6204CW ELANTEC-EL6204CW Datasheet
133Kb / 2P
   Laser Driver Oscillator
More results

Similar Description - EL6204

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6203C ELANTEC-EL6203C Datasheet
155Kb / 2P
   Laser Driver Oscillator
EL6205C ELANTEC-EL6205C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6203 INTERSIL-EL6203 Datasheet
169Kb / 10P
   Laser Driver Oscillator
EL6202 INTERSIL-EL6202 Datasheet
116Kb / 8P
   Laser Driver Oscillator
EL6205 INTERSIL-EL6205 Datasheet
129Kb / 8P
   Laser Driver Oscillator
logo
Renesas Technology Corp
EL6203 RENESAS-EL6203 Datasheet
616Kb / 11P
   Laser Driver Oscillator
August 8, 2007
logo
Intersil Corporation
EL6203 INTERSIL-EL6203_07 Datasheet
199Kb / 11P
   Laser Driver Oscillator
logo
Elantec Semiconductor
EL6204C ELANTEC-EL6204C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6206 INTERSIL-EL6206 Datasheet
136Kb / 7P
   Laser Driver Oscillator
EL6204 INTERSIL-EL6204_07 Datasheet
228Kb / 11P
   Laser Driver Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com