Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5066065 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5066065
Description  Computer Marking System Engraving System CMS-GRAV
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5066065 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5066065 Datasheet HTML 1Page - PHOENIX CONTACT 5066065 Datasheet HTML 2Page - PHOENIX CONTACT 5066065 Datasheet HTML 3Page - PHOENIX CONTACT 5066065 Datasheet HTML 4Page - PHOENIX CONTACT 5066065 Datasheet HTML 5Page - PHOENIX CONTACT 5066065 Datasheet HTML 6Page - PHOENIX CONTACT 5066065 Datasheet HTML 7Page - PHOENIX CONTACT 5066065 Datasheet HTML 8Page - PHOENIX CONTACT 5066065 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Computer Marking System
Engraving System CMS-GRAV
Description
The CMS-GRAV 32 is based on a three-axis coordinate
table with stepping motors and a ball screw free from
play. The multiprocessor-based control drives the three
axes and the tool changer.
The transparent safety cover allows optimum viewing of
the work area from all sides. This is one of the most
important elements of the comprehensive safety
features.
The CMS-GRAV 32 has a processing area (x,y,z) of
500 x 500 x 75 mm and a maximum clamping range
(x,y,z) of 850 x 750 x 150 mm.
The FF (fast frequency) spindle used has a capacity of
170 W and a max. torque of 60,000 rev/min. The special
clamping pliers of the spindle are designed for
processing tools with a shaft diameter of 3 mm.
A special tracing sleeve with the highly precise, spring-
loaded spindle block permits mechanical surface
scanning when slightly uneven workpieces are
engraved. This ensures a constant engraving depth. The
spring is automatically clamped during boring and
milling work.
During metalworking, the tools are cooled with the
coolant spraying device. Any chips that arise during the
processing of plastics are removed with the suction
device. This can be connected to a commercially
available industrial vacuum cleaner.
The tool magazine with its 10 tool holders makes the
CMS-GRAV 32 a fully automatic processing center
which can be used to produce even complicated
workpieces economically.
The precision end switch integrated in the tool magazine
permits the tool change to be monitored and the length
compensation data of the processing tools to be
transferred.
When surface scanning is used, the depth of the
engraving chisels is set with the adjusting device
included in delivery.
The scope of supply includes the serial connection
cable.
Phoenix Contact GmbH & Co. KG • 32823 Blomberg, Germany
Phone +49 52 35 3-00 • Fax +49 52 35 3-4 12 00 • www.phoenixcontact.com


Similar Part No. - 5066065

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50660-9001 MOLEX7-50660-9001 Datasheet
97Kb / 2P
   1.00mm (.040") Crimp Pin Terminal, Pre-Tinned Brass
More results

Similar Description - 5066065

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5062962 PHOENIX-5062962 Datasheet
53Kb / 2P
   Accessories - CMS-GRAV-KSS 3
09/12/2020
5062988 PHOENIX-5062988 Datasheet
52Kb / 2P
   Accessories - CMS-GRAV-ZNH 15
09/12/2020
5066256 PHOENIX-5066256 Datasheet
43Kb / 2P
   Accessories - CMS-GRAV-WZ/ER
logo
Advantech Co., Ltd.
ESRP-CMS-SR304 ADVANTECH-ESRP-CMS-SR304 Datasheet
1,011Kb / 2P
   ESRP-CMS-IPPC5211S Deployment System
logo
PHOENIX CONTACT
5145711 PHOENIX-5145711 Datasheet
51Kb / 2P
   Magazine - CMS-P1-M/GPE ENGRAVING
09/12/2020
logo
Advantech Co., Ltd.
DPX-E105 ADVANTECH-DPX-E105 Datasheet
1Mb / 2P
   Intel짰 ATOM??Industrial Computer System
logo
Zilog, Inc.
Z5380 ZILOG-Z5380 Datasheet
438Kb / 37P
   SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z53C80 ZILOG-Z53C80 Datasheet
447Kb / 40P
   SMALL COMPUTER SYSTEM INTERFACE (SCSI)
logo
Advantech Co., Ltd.
ARK-6310-3M01E ADVANTECH-ARK-6310-3M01E Datasheet
588Kb / 2P
   Fanless Mini-ITX Embedded Computer System
ARK-6310-6M01E ADVANTECH-ARK-6310-6M01E Datasheet
595Kb / 2P
   Fanless Mini-ITX Embedded Computer System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com