Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5066560 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 5066560
Description  Computer Marking System Engraving System CMS-GRAV
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5066560 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  5066560 Datasheet HTML 1Page - PHOENIX CONTACT 5066560 Datasheet HTML 2Page - PHOENIX CONTACT 5066560 Datasheet HTML 3Page - PHOENIX CONTACT 5066560 Datasheet HTML 4Page - PHOENIX CONTACT 5066560 Datasheet HTML 5Page - PHOENIX CONTACT 5066560 Datasheet HTML 6Page - PHOENIX CONTACT 5066560 Datasheet HTML 7Page - PHOENIX CONTACT 5066560 Datasheet HTML 8Page - PHOENIX CONTACT 5066560 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Computer Marking System
Software CMS-MARK-WIN
Description
Professional labeling of systems and control cabinets is
becoming increasingly important. CMS-MARK-WIN 2.0
was developed specially for this task.
Use is made of the advantages of the powerful Windows
NT and Windows 95/98 operating systems.
The marking materials for terminal blocks, conductors,
cables and electrical equipment are labeled with the
labeling module. It is thus possible within just a brief
period, to import and then further process the ASCII-
format labeling as laid down in the CAD/CAE system
during project planning.
For entering data by hand, there are a host of convenient
functions, such as:
– enumeration,
– copy and duplication functions,
– input via variables.
The different marking materials to be labeled can be
changed or added to as desired. Special symbols for
electrical engineering are included as a standard and
can also be altered and added to.
CMS-MARK-WIN 2.0 also includes a comprehensive
graphics module. Using this CAD interface, all kinds of
two-dimensional graphics can be created. For example
to create:
– nameplates,
– frontplates,
– mimic diagrams,
– marker engraving.
The individual objects and steps are generated as
graphics with the aid of a host of graphic functions.
Further special functions are also available:
– barcode,
– linear and circular scaling,
– marking panels on machines,
– circular inscription function,
– path correction with closed elements,
– symmetrical drilling patterns,
– import of graphics.
The entered drawings and graphics are displayed on the
screen in WYSIWYG real graphic form. This makes a
test print unnecessary.
CMS-MARK-WIN 2.0 allows labels to be printed, plot-
ted, cut, milled and drilled. The choice of devices for the
output of the projects is varied:
– CMS thermal transfer printer,
– Laser printer,
– Matrix printer,
– CMS plotter,
– CMS engraving machines.
Phoenix Contact page 2 of 11
All installed output devices are addressed parallel. It is
possible to change to other Windows applications at any
time.


Similar Part No. - 5066560

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
5066 AEROFLEX-5066 Datasheet
43Kb / 1P
   ADAPTERS, BETWEEN SERIES 2.4mm / 3.5mm, DC - 34 GHz
logo
Pomona Electronics
5066 POMONA-5066 Datasheet
89Kb / 2P
   Do-It-Yourself Male BNC Connector with Strain Relief Boot For RG 58 and 141 Coax cable
logo
Molex Electronics Ltd.
50660-9001 MOLEX7-50660-9001 Datasheet
97Kb / 2P
   1.00mm (.040") Crimp Pin Terminal, Pre-Tinned Brass
logo
PHOENIX CONTACT
5066256 PHOENIX-5066256 Datasheet
43Kb / 2P
   Accessories - CMS-GRAV-WZ/ER
logo
Alpha Wire
5066C ALPHAWIRE-5066C Datasheet
410Kb / 4P
   18 (16/30) AWG Tinned Copper
More results

Similar Description - 5066560

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5062962 PHOENIX-5062962 Datasheet
53Kb / 2P
   Accessories - CMS-GRAV-KSS 3
09/12/2020
5062988 PHOENIX-5062988 Datasheet
52Kb / 2P
   Accessories - CMS-GRAV-ZNH 15
09/12/2020
5066256 PHOENIX-5066256 Datasheet
43Kb / 2P
   Accessories - CMS-GRAV-WZ/ER
logo
Advantech Co., Ltd.
ESRP-CMS-SR304 ADVANTECH-ESRP-CMS-SR304 Datasheet
1,011Kb / 2P
   ESRP-CMS-IPPC5211S Deployment System
logo
PHOENIX CONTACT
5145711 PHOENIX-5145711 Datasheet
51Kb / 2P
   Magazine - CMS-P1-M/GPE ENGRAVING
09/12/2020
logo
Advantech Co., Ltd.
DPX-E105 ADVANTECH-DPX-E105 Datasheet
1Mb / 2P
   Intel짰 ATOM??Industrial Computer System
logo
Zilog, Inc.
Z5380 ZILOG-Z5380 Datasheet
438Kb / 37P
   SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z53C80 ZILOG-Z53C80 Datasheet
447Kb / 40P
   SMALL COMPUTER SYSTEM INTERFACE (SCSI)
logo
Advantech Co., Ltd.
ARK-6310-3M01E ADVANTECH-ARK-6310-3M01E Datasheet
588Kb / 2P
   Fanless Mini-ITX Embedded Computer System
ARK-6310-6M01E ADVANTECH-ARK-6310-6M01E Datasheet
595Kb / 2P
   Fanless Mini-ITX Embedded Computer System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com