Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR-A6153E Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # STR-A6153E
Description  Universal-Input/20 W Flyback Switching Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-A6153E Datasheet(HTML) 2 Page - Allegro MicroSystems

  STR-A6153E Datasheet HTML 1Page - Allegro MicroSystems STR-A6153E Datasheet HTML 2Page - Allegro MicroSystems STR-A6153E Datasheet HTML 3Page - Allegro MicroSystems STR-A6153E Datasheet HTML 4Page - Allegro MicroSystems STR-A6153E Datasheet HTML 5Page - Allegro MicroSystems STR-A6153E Datasheet HTML 6Page - Allegro MicroSystems STR-A6153E Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STR-A6153E
Universal-Input/20 W
Flyback Switching Regulator
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
2
Switching
Regulators
Copyright © 2005 Allegro MicroSystems, Inc.
FUNCTIONAL BLOCK DIAGRAM
FEATURES AND BENEFITS (cont’d)
■ Internal Off-Timer Circuit
■ Built-In Constant-Voltage Drive
■ Multiple Protections:
Pulse-by-Pulse Overcurrent Protection
Overload Protection with Auto Recovery
Latching Overvoltage Protection
Undervoltage Lockout with Hysteresis
Latching Thermal Shutdown
■ Molded Small-Size 8-Pin Package
For Low-Height SMPS
Polarized to Prevent Backwards Assembly


Similar Part No. - STR-A6153E

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-A6153E SANKEN-STR-A6153E Datasheet
139Kb / 2P
LOW POWER OFF-LINE SMPS PRIMARY SWITCHER
STR-A6153E SANKEN-STR-A6153E Datasheet
851Kb / 25P
Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6153E SANKEN-STR-A6153E Datasheet
854Kb / 26P
Off-Line PRC Controllers with Integrated Power MOSFET
More results

Similar Description - STR-A6153E

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-A6169 ALLEGRO-STR-A6169 Datasheet
194Kb / 7P
Universal-Input/5 W Flyback Switching Regulator
STR-A6251M ALLEGRO-STR-A6251M Datasheet
327Kb / 7P
Universal-Input/15 W 67 kHz Flyback Switching Regulator
STR-W6753 ALLEGRO-STR-W6753 Datasheet
196Kb / 8P
Universal-Input/58 W Off-Line Quasi-Resonant Flyback Switching Regulator
STR-W6754 ALLEGRO-STR-W6754 Datasheet
195Kb / 8P
Universal-Input/100 W Off-Line Quasi-Resonant Flyback Switching Regulator
STR-W6756 ALLEGRO-STR-W6756 Datasheet
194Kb / 8P
Universal-Input/140 W Off-Line Quasi-Resonant Flyback Switching Regulator
STR-A6251 ALLEGRO-STR-A6251 Datasheet
373Kb / 7P
Universal-Input/15 W 50 kHz Flyback Switching Regulators
STR-A6259H ALLEGRO-STR-A6259H Datasheet
897Kb / 13P
Universal-Input 13 W 100 kHz Flyback Switching Regulators
STR-A6151 ALLEGRO-STR-A6151 Datasheet
232Kb / 7P
Universal-Input/13 or 16 W Flyback Switching Regulators
STR-A6252M ALLEGRO-STR-A6252M Datasheet
972Kb / 13P
Universal-Input 20W 67kHz Flyback Switching Regulators
logo
Linear Technology
LT1425 LINER-LT1425 Datasheet
341Kb / 20P
Isolated Flyback Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com