Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN-12M162P7A8 Datasheet(PDF) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # LAN-12M162P7A8
Description  LAN Transformer Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

LAN-12M162P7A8 Datasheet(HTML) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

  LAN-12M162P7A8 Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. LAN-12M162P7A8 Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. LAN-12M162P7A8 Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TAI-TECH
www.tai-tech.com.tw
P2
5. Specification
6. Schematic and Pin Define
LAN-12M162P7A8
LAN-12M162P7B0
LAN-12M162P7D8
Part Number
Insertion
Loss
(dB Max)
Return Loss (dB min)
Cross talk
(db min)
DCMR(dB Min)
1~100Mhz
1~30Mhz 40Mhz
50Mhz 60~80Mhz
1~100Mhz
1~60Mhz
60~100Mhz
LAN-12M162P7A8
-1.2
-18
-15.5
-13.5
-10
-38
-33
-26
LAN-12M162P7B0
-1.2
-18
-15.5
-13.5
-10
-38
-33
-26
LAN-12M162P7D8
-1.2
-18
-15.5
-13.5
-10
-38
-33
-26
LAN-12M165P7A8
-1.2
-18
-15.5
-13.5
-10
-38
-33
-26
Note:
1.All test data referenced to 25℃ ambient
2.Hi-Pot resistance of 1500 VAC for 1 minute
LAN Transformer Module
LAN-12M162/165_P-SERIES


Similar Part No. - LAN-12M162P7A8

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
LAN-12M162S7A0 TAI-TECH-LAN-12M162S7A0 Datasheet
223Kb / 2P
LAN Transformer Module
LAN-12M162S7A8 TAI-TECH-LAN-12M162S7A8 Datasheet
223Kb / 2P
LAN Transformer Module
LAN-12M162_S TAI-TECH-LAN-12M162_S Datasheet
223Kb / 2P
LAN Transformer Module
More results

Similar Description - LAN-12M162P7A8

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
749010012 WURTH-749010012 Datasheet
169Kb / 3P
LAN-Transformer WE-LAN
7490100110A WURTH-7490100110A Datasheet
260Kb / 3P
LAN-Transformer WE-LAN
7490100111A WURTH-7490100111A Datasheet
503Kb / 4P
LAN-Transformer WE-LAN
749020100A WURTH-749020100A Datasheet
221Kb / 3P
LAN-Transformer WE-LAN
logo
TAI-TECH Advanced Elect...
LAN-16G241S1A8 TAI-TECH-LAN-16G241S1A8 Datasheet
222Kb / 2P
LAN Transformer Module
LAN-16G241 TAI-TECH-LAN-16G241 Datasheet
646Kb / 2P
LAN Transformer Module
LAN-12M162_S TAI-TECH-LAN-12M162_S Datasheet
223Kb / 2P
LAN Transformer Module
logo
Bourns Electronic Solut...
SM42002EL BOURNS-SM42002EL Datasheet
637Kb / 3P
2.5 GbE Chip LAN Transformer Module
SM43001EL BOURNS-SM43001EL Datasheet
654Kb / 3P
10 GbE Chip LAN Transformer Module
logo
Wurth Elektronik GmbH &...
749020111A WURTH-749020111A Datasheet
277Kb / 3P
LAN-Transformer WE-LAN
2016-02-16 Version 03
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com