Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

128209 Datasheet(PDF) 1 Page - Adels-Contact

Part # 128209
Description  2000/ 9
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

128209 Datasheet(HTML) 1 Page - Adels-Contact

  128209 Datasheet HTML 1Page - Adels-Contact 128209 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
29/01/2020
Screw Connectors
2000/ 9
Terminal Block, 9 pole, Insulating Material: PA 6, Cross-
Section: 16.0 mm², Pin Spacing: 14.5 mm, Fixing: Screw, Voltage
Rating: 500 V, Current Rating: 76 A
Order Info
Reference Number (ref. no.)
128209
Applications
Installation, Electrical Appliances, Transformers
PU
20
EAN
4028012133277
Type
Type
Terminal Block
Number of poles
9 pole
Clamping Units per Pole
1
Colour
natural
Cross-Section
16.0 mm²
Connection Type
Screw
Technical Data
Voltage Rating
500 V
Current Rating
76 A
Insulating Material
PA 6
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
16.0 mm²
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
10.0-10.5 mm
Assembly Contact Screw
1.0x5.5 / 2.0 Nm
Pin Spacing
14.5 mm
Fixing
Screw
Approbation EN60998
2000_EN60998_20070823_20160412_VDE_ENEC_40021892_web.pdf
Approbation UL
1500_2000_19890315_20170213_UL_E63492_1-08_Description_web.pdf
Approbation CSA
Schraub_Steck_Schraubenlos_SI_Klemmen_20160429_CSA_70076573_Certificate_web.pdf


Similar Part No. - 128209

ManufacturerPart #DatasheetDescription
logo
Heyco.
12820 HEYCO-12820 Datasheet
88Kb / 1P
Stainless Steel Cable Ties
12820 HEYCO-12820 Datasheet
89Kb / 1P
Stainless Steel Cable Ties
logo
Adels-Contact
128201 ADELS-128201 Datasheet
117Kb / 2P
2000/ 1
128202 ADELS-128202 Datasheet
117Kb / 2P
2000/ 2
128203 ADELS-128203 Datasheet
118Kb / 2P
2000/ 3
More results

Similar Description - 128209

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
128309 ADELS-128309 Datasheet
121Kb / 2P
2000/ 9 DS
128409 ADELS-128409 Datasheet
159Kb / 2P
2000/ 9 HT
128609 ADELS-128609 Datasheet
149Kb / 2P
2000 K/ 9
128709 ADELS-128709 Datasheet
149Kb / 2P
2000 K/ 9 DS
128329 ADELS-128329 Datasheet
159Kb / 2P
2000/ 9 DS HT
128309M ADELS-128309M Datasheet
121Kb / 2P
2000/ 9 MDS Bronze
128629 ADELS-128629 Datasheet
112Kb / 2P
2000 K/ 9 HT
1283G9 ADELS-1283G9 Datasheet
127Kb / 2P
2000/ 9 DS GW
1283G9M ADELS-1283G9M Datasheet
121Kb / 2P
2000/ 9 MDS Bronze GW
128709M ADELS-128709M Datasheet
149Kb / 2P
2000 K/ 9 MDS Bronze
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com