Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10CV33BE Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 10CV33BE
Description  Surface Mount Type Miniature, Super low profile 3.9mm height
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

10CV33BE Datasheet(HTML) 1 Page - Sanyo Semicon Device

  10CV33BE Datasheet HTML 1Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Surface Mount Type Aluminum Electrolytic Capacitors
CV-BE
Series
18
Surface Mount Type Miniature,
Super low profile 3.9mm height
CV-BE series is to change height from 4.5mm of CV-BD which
is a conventional low profile surface mount type capacitor, to be a
lower profile 3.9mm which is the first time in the capacitor industry.
Solvent proof (within 2 minutes).
V
μF
4
6.3
10
16
25
Items
Specifications
Rated voltage
( V )
4
−40 to +85
The greater value of either 0.01CV or 3
Within
±25% of the initial value
≤ Twice the initial standard
≤ The initial standard
Capacitors placed on a 250
℃ hot plate for 30 seconds with their electrode terminals facing
downward will fufill the following conditions after being cooled to room temperature.
Within
±10% of the initial value
≤ The initial standard
≤ The initial standard
Conform to IEC 60384-18
±20
6.3
10
16
25
(120Hz)
0.40
0.30
0.24
0.20
0.16
74322
15
10
8
6
4
Operating temperature renge (℃)
Capacitance tolerance
(%)
Other characteristics
Impedance
(120Hz)ratio
at low temperature
(MAX.)
High-temperature load
85
℃ 1000hrs.
rated voltage applied
Z−25℃Z20℃
Z−40℃Z20℃
△C/C
tan
δ
L.C.
Resistance to
soldering heat
Test
△C/C
tan
δ
L.C.
Tangent of loss angle
(tanδ)
(MAX.)
(120Hz)
Leakage current
(L.C.)
(μA/after 2min.)
(MAX.)
D+0.5MAX.
L
+0.1
– 0.2
W ±0.2
H ±0.2
C ±0.2
R
P ±0.2
5.0
6.3
3.9
3.9
5.3
6.6
5.3
6.6
6.0
7.3
0.5 to 0.8
0.5 to 0.8
1.4
2.2
10
22
33
47
68
100
0.5
×3.9
6.3
×3.9
6.3
×3.9
40
60
70
0.5
×3.9
6.3
×3.9
6.3
×3.9
40
50
60
0.5
×3.9
6.3
×3.9
6.3
×3.9
35
50
55
0.5
×3.9
6.3
×3.9
6.3
×3.9
25
45
50
0.5
×3.9
6.3
×3.9
30
50
(Unit:A)
■ Specifications
■ Dimensions
■ Size List
0.3MAX.
(+)
Model No.
16CV22BE
Rated voltage
Capacitance symbol
Ripple current
mA r.m.s.
(120Hz, 85℃)
φD×L
CV-BE
CV-BD
low profile


Similar Part No. - 10CV33BE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
10C0.34HCH BELDEN-10C0.34HCH Datasheet
161Kb / 2P
   MachFlex™ LiHCH, 10 C 0.34mm² Str BC, PE Ins, TCBS, LSZH Jkt
01-09-2024
10C0.34HCH-006100M BELDEN-10C0.34HCH-006100M Datasheet
161Kb / 2P
   MachFlex™ LiHCH, 10 C 0.34mm² Str BC, PE Ins, TCBS, LSZH Jkt
01-09-2024
10C0.34HCH-006200M BELDEN-10C0.34HCH-006200M Datasheet
161Kb / 2P
   MachFlex™ LiHCH, 10 C 0.34mm² Str BC, PE Ins, TCBS, LSZH Jkt
01-09-2024
10C0.34HCH-006300M BELDEN-10C0.34HCH-006300M Datasheet
161Kb / 2P
   MachFlex™ LiHCH, 10 C 0.34mm² Str BC, PE Ins, TCBS, LSZH Jkt
01-09-2024
10C0.34HCH-010100M BELDEN-10C0.34HCH-010100M Datasheet
161Kb / 2P
   MachFlex™ LiHCH, 10 C 0.34mm² Str BC, PE Ins, TCBS, LSZH Jkt
01-09-2024
More results

Similar Description - 10CV33BE

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
   miniature low profile Surface Mount
29/07/2006
logo
Omron Electronics LLC
G6H-2F OMRON-G6H-2F Datasheet
131Kb / 4P
   Low Profile, Miniature, Surface Mount Relay
logo
List of Unclassifed Man...
ACT9200 ETC-ACT9200 Datasheet
204Kb / 1P
   MINIATURE LOW PROFILE SURFACE MOUNT PACKAGE
logo
ALPS ELECTRIC CO.,LTD.
SKQR ALPS-SKQR Datasheet
180Kb / 3P
   0.5mm Height Low-profile (Surface Mount Type)
SKRB ALPS-SKRB Datasheet
196Kb / 3P
   0.55mm Height Low-profile (Surface Mount Type)
SKRM ALPS-SKRM Datasheet
179Kb / 3P
   0.4mm Height Low-profile (Surface Mount Type)
SKRB ALPS-SKRB_15 Datasheet
773Kb / 3P
   0.55mm Height Low-profile (Surface Mount Type)
SKRM ALPS-SKRM_15 Datasheet
752Kb / 3P
   0.4mm Height Low-profile (Surface Mount Type)
SKSH ALPS-SKSH Datasheet
779Kb / 3P
   Low-profile (Surface Mount Type)
logo
List of Unclassifed Man...
HM66 ETC-HM66 Datasheet
81Kb / 8P
   Miniature Low Profile, Shielded Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com