Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90S8535 Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT90S8535
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S8535 Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT90S8535 Datasheet HTML 36Page - ATMEL Corporation AT90S8535 Datasheet HTML 37Page - ATMEL Corporation AT90S8535 Datasheet HTML 38Page - ATMEL Corporation AT90S8535 Datasheet HTML 39Page - ATMEL Corporation AT90S8535 Datasheet HTML 40Page - ATMEL Corporation AT90S8535 Datasheet HTML 41Page - ATMEL Corporation AT90S8535 Datasheet HTML 42Page - ATMEL Corporation AT90S8535 Datasheet HTML 43Page - ATMEL Corporation AT90S8535 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 127 page
background image
40
AT90S/LS8535
1041H–11/01
OCR1AL or OCR1BL, the TEMP register is simultaneously written to OCR1AH or
OCR1BH. Consequently, the high byte OCR1AH or OCR1BH must be written first for a
full 16-bit register write operation.
The TEMP register is also used when accessing TCNT1 and ICR1. If the main program
and interrupt routines perform access to registers using TEMP, interrupts must be dis-
abled during access from the main program.
Timer/Counter1 Input Capture
Register – ICR1H AND ICR1L
The Input Capture Register is a 16-bit read-only register.
When the rising or falling edge (according to the input capture edge setting [ICES1]) of
the signal at the input capture pin (ICP) is detected, the current value of the
Timer/Counter1 is transferred to the Input Capture Register (ICR1). At the same time,
the input capture flag (ICF1) is set (one).
Since the Input Capture Register (ICR1) is a 16-bit register, a temporary register
(TEMP) is used when ICR1 is read to ensure that both bytes are read simultaneously.
When the CPU reads the low byte ICR1L, the data is sent to the CPU and the data of
the high byte ICR1H is placed in the TEMP register. When the CPU reads the data in
the high byte ICR1H, the CPU receives the data in the TEMP register. Consequently,
the low-byte ICR1L must be accessed first for a full 16-bit register read operation.
The TEMP register is also used when accessing TCNT1, OCR1A and OCR1B. If the
main program and interrupt routines perform access to registers using TEMP, interrupts
must be disabled during access from the main program.
Timer/Counter1 In PWM Mode
When the PWM mode is selected, Timer/Counter1, the Output Compare Register1A
(OCR1A) and the Output Compare Register1B (OCR1B) form a dual 8-, 9- or 10-bit,
free-running, glitch-free and phase-correct PWM with outputs on the PD5(OC1A) and
PD4(OC1B) pins. Timer/Counter1 acts as an up/down counter, counting up from $0000
to TOP (see Table 14), where it turns and counts down again to zero before the cycle is
repeated. When the counter value matches the contents of the 10 least significant bits of
OCR1A or OCR1B, the PD5(OC1A)/PD4(OC1B) pins are set or cleared according to
the settings of the COM1A1/COM1A0 or COM1B1/COM1B0 bits in the Timer/Counter1
Control Register (TCCR1A). Refer to Table 15 for details.
Note that if the Compare Register contains the TOP value and the prescaler is not in
use (CS12..CS10 = 001), the PWM output will not produce any pulse at all, because the
Bit
151413
12
1110
9
8
$27 ($47)
MSB
ICR1H
$26 ($46)
LSB
ICR1L
765
4321
0
Read/Write
R
RRR
RRR
R
R
RRR
RRR
R
Initial Value
000
0000
0
000
0000
0
Table 14. Timer TOP Values and PWM Frequency
PWM Resolution
Timer TOP value
Frequency
8-bit
$00FF (255)
f
TCK1/510
9-bit
$01FF (511)
fTCK1/1022
10-bit
$03FF(1023)
f
TCK1/2046


Similar Part No. - AT90S8535

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S8535 ATMEL-AT90S8535 Datasheet
482Kb / 10P
8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
logo
List of Unclassifed Man...
AT90S8535 ETC2-AT90S8535 Datasheet
75Kb / 2P
AVR-P40B-8535 PROTOTYPE BOARD WITH 10 PIN ICSP CONNECTOR FOR AT90S8535 AVR MICROCONTROLLERS
logo
ATMEL Corporation
AT90S8535 ATMEL-AT90S8535 Datasheet
2Mb / 61P
AVR Studio Compatible
Rev. 1925C-AVR-3/03
AT90S8535-8AC ATMEL-AT90S8535-8AC Datasheet
482Kb / 10P
8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
AT90S8535-8AI ATMEL-AT90S8535-8AI Datasheet
482Kb / 10P
8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
More results

Similar Description - AT90S8535

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com