Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90S8535 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT90S8535
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S8535 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT90S8535 Datasheet HTML 22Page - ATMEL Corporation AT90S8535 Datasheet HTML 23Page - ATMEL Corporation AT90S8535 Datasheet HTML 24Page - ATMEL Corporation AT90S8535 Datasheet HTML 25Page - ATMEL Corporation AT90S8535 Datasheet HTML 26Page - ATMEL Corporation AT90S8535 Datasheet HTML 27Page - ATMEL Corporation AT90S8535 Datasheet HTML 28Page - ATMEL Corporation AT90S8535 Datasheet HTML 29Page - ATMEL Corporation AT90S8535 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 127 page
background image
26
AT90S/LS8535
1041H–11/01
sponding interrupt of External Interrupt Request 0 is executed from program memory
address $001. See also “External Interrupts.”
• Bits 5.0 – Res: Reserved Bits
These bits are reserved bits in the AT90S8535 and always read as zero.
General Interrupt Flag
Register – GIFR
• Bit 7 – INTF1: External Interrupt Flag1
When an edge or logical change on the INT1 pin triggers an interrupt request, INTF1
becomes set (one). This flag is always cleared (0) when the pin is configured for low-
level interrupts, as the state of a low-level interrupt can be determined by reading the
PIN register.
If the I-bit in SREG and the INT1 bit in GIMSK are set (one), the MCU will jump to the
interrupt address $002. For edge and logic change interrupts, this flag is cleared when
the interrupt routine is executed. Alternatively, the flag can be cleared by writing a logi-
cal “1” to it.
• Bit 6 – INTF0: External Interrupt Flag0
When an edge or logical change on the INT0 pin triggers an interrupt request, INTF0
becomes set (one). This flag is always cleared (0) when the pin is configured for low-
level interrupts, as the state of a low-level interrupt can be determined by reading the
PIN register.
If the I-bit in SREG and the INT0 bit in GIMSK are set (one), the MCU will jump to the
interrupt address $001. For edge and logic change interrupts, this flag is cleared when
the interrupt routine is executed. Alternatively, the flag can be cleared by writing a logi-
cal “1” to it.
• Bits 5..0 – Res: Reserved Bits
These bits are reserved bits in the AT90S8535 and always read as zero.
Timer/Counter Interrupt Mask
Register – TIMSK
• Bit 7 – OCIE2: Timer/Counter2 Output Compare Match Interrupt Enable
When the OCIE2 bit is set (one) and the I-bit in the Status Register is set (one), the
Timer/Counter2 Compare Match interrupt is enabled. The corresponding interrupt (at
vector $003) is executed if a compare match in Timer/Counter2 occurs (i.e., when the
OCF2 bit is set in the Timer/Counter Interrupt Flag Register [TIFR]).
• Bit 6 – TOIE2: Timer/Counter2 Overflow Interrupt Enable
When the TOIE2 bit is set (one) and the I-bit in the Status Register is set (one), the
Timer/Counter2 Overflow interrupt is enabled. The corresponding interrupt (at vector
$004) is executed if an overflow in Timer/Counter2 occurs (i.e., when the TOV2 bit is set
in the Timer/Counter Interrupt Flag Register [TIFR]).
Bit
7
6
5
4
3
2
1
0
$3A ($5A)
INTF1
INTF0
––
GIFR
Read/Write
R/W
R/W
R
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
$39 ($59)
OCIE2
TOIE2
TICIE1
OCIE1A
OCIE1B
TOIE1
TOIE0
TIMSK
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
Initial Value
0
0
0
0
0
0
0
0


Similar Part No. - AT90S8535

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S8535 ATMEL-AT90S8535 Datasheet
482Kb / 10P
8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
logo
List of Unclassifed Man...
AT90S8535 ETC2-AT90S8535 Datasheet
75Kb / 2P
AVR-P40B-8535 PROTOTYPE BOARD WITH 10 PIN ICSP CONNECTOR FOR AT90S8535 AVR MICROCONTROLLERS
logo
ATMEL Corporation
AT90S8535 ATMEL-AT90S8535 Datasheet
2Mb / 61P
AVR Studio Compatible
Rev. 1925C-AVR-3/03
AT90S8535-8AC ATMEL-AT90S8535-8AC Datasheet
482Kb / 10P
8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
AT90S8535-8AI ATMEL-AT90S8535-8AI Datasheet
482Kb / 10P
8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
More results

Similar Description - AT90S8535

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com