Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90S8535 Datasheet(PDF) 102 Page - ATMEL Corporation

Part # AT90S8535
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S8535 Datasheet(HTML) 102 Page - ATMEL Corporation

Back Button AT90S8535 Datasheet HTML 98Page - ATMEL Corporation AT90S8535 Datasheet HTML 99Page - ATMEL Corporation AT90S8535 Datasheet HTML 100Page - ATMEL Corporation AT90S8535 Datasheet HTML 101Page - ATMEL Corporation AT90S8535 Datasheet HTML 102Page - ATMEL Corporation AT90S8535 Datasheet HTML 103Page - ATMEL Corporation AT90S8535 Datasheet HTML 104Page - ATMEL Corporation AT90S8535 Datasheet HTML 105Page - ATMEL Corporation AT90S8535 Datasheet HTML 106Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 127 page
background image
102
AT90S/LS8535
1041H–11/01
f
Notes:
1. a = address high bits
b = address low bits
H = 0 – Low byte, 1 – High Byte
o = data out
i = data in
x = don’t care
1 = Lock Bit 1
2 = Lock Bit 2
F = FSTRT Fuse
S = SPIEN Fuse
2. The signature bytes are not readable in lock mode 3, i.e., both Lock bits programmed.
Table 42. Serial Programming Instruction Set
Instruction
Instruction Format
Operation
Byte 1
Byte 2
Byte 3
Byte4
Programming Enable
1010 1100
0101 0011
xxxx xxxx
xxxx xxxx
Enable serial programming
while RESET is low.
Chip Erase
1010 1100
100x xxxx
xxxx xxxx
xxxx xxxx
Chip Erase Flash and
EEPROM memory arrays.
Read Program Memory
0010 H000
xxxx aaaa
bbbb bbbb
oooo oooo
Read H (high or low) data o
from program memory at word
address a:b.
Write Program Memory
0100 H000
xxxx aaaa
bbbb bbbb
iiii iiii
Write H (high or low) data i to
program memory at word
address a:b.
Read EEPROM Memory
1010 0000
xxxx xxxa
bbbb bbbb
oooo oooo
Read data o from EEPROM
memory at address a:b.
Write EEPROM Memory
1100 0000
xxxx xxxa
bbbb bbbb
iiii iiii
Write data i to EEPROM
memory at address a:b.
Read Lock and Fuse Bits
0101 1000
xxxx xxxx
xxxx xxxx
12S
x xxxF
Read Lock and Fuse bits.
“0” = programmed
“1” = unprogrammed
Write Lock Bits
1010 1100
1111 1211
xxxx xxxx
xxxx xxxx
Write Lock bits. Set bits 1,2 =
“0” to program Lock bits.
Read Signature Byte
0011 0000
xxxx xxxx
xxxx xxbb
oooo oooo
Read signature byte o at
address b.
(2)
Write FSTRT Fuse
1010 1100
1011 111F
xxxx xxxx
xxxx xxxx
Write FSTRT fuse. Set bit
F = “0” to program,
“1” to unprogram.


Similar Part No. - AT90S8535

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S8535 ATMEL-AT90S8535 Datasheet
482Kb / 10P
   8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
logo
List of Unclassifed Man...
AT90S8535 ETC2-AT90S8535 Datasheet
75Kb / 2P
   AVR-P40B-8535 PROTOTYPE BOARD WITH 10 PIN ICSP CONNECTOR FOR AT90S8535 AVR MICROCONTROLLERS
logo
ATMEL Corporation
AT90S8535 ATMEL-AT90S8535 Datasheet
2Mb / 61P
   AVR Studio Compatible
Rev. 1925C-AVR-3/03
AT90S8535-8AC ATMEL-AT90S8535-8AC Datasheet
482Kb / 10P
   8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
AT90S8535-8AI ATMEL-AT90S8535-8AI Datasheet
482Kb / 10P
   8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
More results

Similar Description - AT90S8535

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com