Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90S8535 Datasheet(PDF) 101 Page - ATMEL Corporation

Part # AT90S8535
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S8535 Datasheet(HTML) 101 Page - ATMEL Corporation

Back Button AT90S8535 Datasheet HTML 97Page - ATMEL Corporation AT90S8535 Datasheet HTML 98Page - ATMEL Corporation AT90S8535 Datasheet HTML 99Page - ATMEL Corporation AT90S8535 Datasheet HTML 100Page - ATMEL Corporation AT90S8535 Datasheet HTML 101Page - ATMEL Corporation AT90S8535 Datasheet HTML 102Page - ATMEL Corporation AT90S8535 Datasheet HTML 103Page - ATMEL Corporation AT90S8535 Datasheet HTML 104Page - ATMEL Corporation AT90S8535 Datasheet HTML 105Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 127 page
background image
101
AT90S/LS8535
1041H–11/01
4.
If a Chip Erase is performed (must be done to erase the Flash), wait t
WD_ERASE
after the instruction, give RESET a positive pulse and start over from step 2. See
Table 44 for t
WD_ERASE value.
5.
The Flash or EEPROM array is programmed one byte at a time by supplying the
address and data together with the appropriate Write instruction. An EEPROM
memory location is first automatically erased before new data is written. Use
Data Polling to detect when the next byte in the Flash or EEPROM can be writ-
ten. If polling is not used, wait t
WD_PROG before transmitting the next instruction.
See Table 45 for t
WD_PROG value. In an erased device, no $FFs in the data file(s)
needs to be programmed.
6.
Any memory location can be verified by using the Read instruction that returns
the content at the selected address at the serial output MISO (PB6) pin.
7.
At the end of the programming session, RESET can be set high to commence
normal operation.
8.
Power-off sequence (if needed):
Set XTAL1 to “0” (if a crystal is not used).
Set RESET to “1”.
Turn VCC power off.
Data Polling EEPROM
When a byte is being programmed into the EEPROM, reading the address location
being programmed will give the value P1 until the auto-erase is finished and then the
value P2. See Table 41 for P1 and P2 values.
At the time the device is ready for a new EEPROM byte, the programmed value will read
correctly. This is used to determine when the next byte can be written. This will not work
for the values P1 and P2, so when programming these values, the user will have to wait
for at least the prescribed time tWD_PROG before programming the next byte. See Table
45 for tWD_PROG value. As a chip-erased device contains $FF in all locations, program-
ming of addresses that are meant to contain $FF can be skipped. This does not apply if
the EEPROM is reprogrammed without first chip-erasing the device.
Data Polling Flash
When a byte is being programmed into the Flash, reading the address location being
programmed will give the value $FF. At the time the device is ready for a new byte, the
programmed value will read correctly. This is used to determine when the next byte can
be written. This will not work for the value $FF, so when programming this value, the
user will have to wait for at least t
WD_PROG before programming the next byte. As a chip-
erased device contains $FF in all locations, programming of addresses that are meant
to contain $FF can be skipped.
Figure 72. Serial Programming Waveforms
Table 41. Read Back Value during EEPROM Polling
Part
P1
P2
AT90S/LS8535
$00
$FF
MSB
MSB
LSB
LSB
SERIAL CLOCK INPUT
PB7(SCK)
SERIAL DATA INPUT
PB5(MOSI)
SERIAL DATA OUTPUT
PB6(MISO)


Similar Part No. - AT90S8535

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S8535 ATMEL-AT90S8535 Datasheet
482Kb / 10P
   8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
logo
List of Unclassifed Man...
AT90S8535 ETC2-AT90S8535 Datasheet
75Kb / 2P
   AVR-P40B-8535 PROTOTYPE BOARD WITH 10 PIN ICSP CONNECTOR FOR AT90S8535 AVR MICROCONTROLLERS
logo
ATMEL Corporation
AT90S8535 ATMEL-AT90S8535 Datasheet
2Mb / 61P
   AVR Studio Compatible
Rev. 1925C-AVR-3/03
AT90S8535-8AC ATMEL-AT90S8535-8AC Datasheet
482Kb / 10P
   8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
AT90S8535-8AI ATMEL-AT90S8535-8AI Datasheet
482Kb / 10P
   8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
More results

Similar Description - AT90S8535

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com