Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90S8535 Datasheet(PDF) 100 Page - ATMEL Corporation

Part # AT90S8535
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S8535 Datasheet(HTML) 100 Page - ATMEL Corporation

Back Button AT90S8535 Datasheet HTML 96Page - ATMEL Corporation AT90S8535 Datasheet HTML 97Page - ATMEL Corporation AT90S8535 Datasheet HTML 98Page - ATMEL Corporation AT90S8535 Datasheet HTML 99Page - ATMEL Corporation AT90S8535 Datasheet HTML 100Page - ATMEL Corporation AT90S8535 Datasheet HTML 101Page - ATMEL Corporation AT90S8535 Datasheet HTML 102Page - ATMEL Corporation AT90S8535 Datasheet HTML 103Page - ATMEL Corporation AT90S8535 Datasheet HTML 104Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 127 page
background image
100
AT90S/LS8535
1041H–11/01
Figure 71. Serial Programming and Verify
For the EEPROM, an auto-erase cycle is provided within the self-timed write instruction
and there is no need to first execute the Chip Erase instruction. The Chip Erase instruc-
tion turns the content of every memory location in both the program and EEPROM
arrays into $FF.
The program and EEPROM memory arrays have separate address spaces: $0000 to
$0FFF for program memory and $0000 to $01FF for EEPROM memory.
Either an external clock is supplied at pin XTAL1 or a crystal needs to be connected
across pins XTAL1 and XTAL2. The minimum low and high periods for the serial clock
(SCK) input are defined as follows:
Low: > 2 XTAL1 clock cycles
High: > 2 XTAL1 clock cycles
Serial Programming
Algorithm
When writing serial data to the AT90S8535, data is clocked on the rising edge of SCK.
When reading data from the AT90S8535, data is clocked on the falling edge of SCK.
See Figure 72, Figure 73 and Table 43 for timing details.
To program and verify the AT90SS8535 in the Serial Programming Mode, the following
sequence is recommended (see 4-byte instruction formats in Table 42
):
1.
Power-up sequence:
Apply power between VCC and GND while RESET and SCK are set to “0”. If a crys-
tal is not connected across pins XTAL1 and XTAL2, apply a clock signal to the
XTAL1 pin. In some systems, the programmer cannot guarantee that SCK is held
low during power-up. In this case, RESET must be given a positive pulse of at least
two XTAL1 cycles duration after SCK has been set to “0”.
2.
Wait for at least 20 ms and enable serial programming by sending the Program-
ming Enable serial instruction to the MOSI (PB5) pin.
3.
The serial programming instructions will not work if the communication is out of
synchronization. When in sync, the second byte ($53) will echo back when issu-
ing the third byte of the Programming Enable instruction. Whether the echo is
correct or not, all four bytes of the instruction must be transmitted. If the $53 did
not echo back, give SCK a positive pulse and issue a new Programming Enable
instruction. If the $53 is not seen within 32 attempts, there is no functional device
connected.
AT90S8535
VCC
2.7 - 6.0V
PB7
PB6
PB5
RESET
GND
XTAL1
SCK
MISO
MOSI
GND
CLOCK INPUT


Similar Part No. - AT90S8535

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S8535 ATMEL-AT90S8535 Datasheet
482Kb / 10P
   8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
logo
List of Unclassifed Man...
AT90S8535 ETC2-AT90S8535 Datasheet
75Kb / 2P
   AVR-P40B-8535 PROTOTYPE BOARD WITH 10 PIN ICSP CONNECTOR FOR AT90S8535 AVR MICROCONTROLLERS
logo
ATMEL Corporation
AT90S8535 ATMEL-AT90S8535 Datasheet
2Mb / 61P
   AVR Studio Compatible
Rev. 1925C-AVR-3/03
AT90S8535-8AC ATMEL-AT90S8535-8AC Datasheet
482Kb / 10P
   8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
AT90S8535-8AI ATMEL-AT90S8535-8AI Datasheet
482Kb / 10P
   8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
More results

Similar Description - AT90S8535

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com