Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90S8535 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT90S8535
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S8535 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT90S8535 Datasheet HTML 6Page - ATMEL Corporation AT90S8535 Datasheet HTML 7Page - ATMEL Corporation AT90S8535 Datasheet HTML 8Page - ATMEL Corporation AT90S8535 Datasheet HTML 9Page - ATMEL Corporation AT90S8535 Datasheet HTML 10Page - ATMEL Corporation AT90S8535 Datasheet HTML 11Page - ATMEL Corporation AT90S8535 Datasheet HTML 12Page - ATMEL Corporation AT90S8535 Datasheet HTML 13Page - ATMEL Corporation AT90S8535 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 127 page
background image
10
AT90S/LS8535
1041H–11/01
X-register, Y-register and Z-
register
The registers R26..R31 have some added functions to their general-purpose usage.
These registers are address pointers for indirect addressing of the Data Space. The
three indirect address registers, X, Y, and Z, are defined in Figure 7.
Figure 7. X-, Y-, and Z-register
In the different addressing modes, these address registers have functions as fixed dis-
placement, automatic increment and decrement (see the descriptions for the different
instructions).
ALU – Arithmetic Logic
Unit
The high-performance AVR ALU operates in direct connection with all the 32 general-
purpose working registers. Within a single clock cycle, ALU operations between regis-
ters in the register file are executed. The ALU operations are divided into three main
categories: arithmetic, logical and bit functions.
In-System Programmable
Flash Program Memory
The AT90S8535 contains 8K bytes On-chip, In-System Programmable Flash memory
for program storage. Since all instructions are 16- or 32-bit words, the Flash is orga-
nized as 4K x 16. The Flash memory has an endurance of at least 1000 write/erase
cycles. The AT90S8535 Program Counter (PC) is 12 bits wide, thus addressing the
4096 program memory addresses.
See page 99 for a detailed description on Flash data downloading.
See page 12 for the different program memory addressing modes.
15
0
X-register
7
0
7
0
R27 ($1B)
R26 ($1A)
15
0
Y-register
7
0
7
0
R29 ($1D)
R28 ($1C)
15
0
Z-register
7
0
7
0
R31 ($1F)
R30 ($1E)


Similar Part No. - AT90S8535

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S8535 ATMEL-AT90S8535 Datasheet
482Kb / 10P
8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
logo
List of Unclassifed Man...
AT90S8535 ETC2-AT90S8535 Datasheet
75Kb / 2P
AVR-P40B-8535 PROTOTYPE BOARD WITH 10 PIN ICSP CONNECTOR FOR AT90S8535 AVR MICROCONTROLLERS
logo
ATMEL Corporation
AT90S8535 ATMEL-AT90S8535 Datasheet
2Mb / 61P
AVR Studio Compatible
Rev. 1925C-AVR-3/03
AT90S8535-8AC ATMEL-AT90S8535-8AC Datasheet
482Kb / 10P
8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
AT90S8535-8AI ATMEL-AT90S8535-8AI Datasheet
482Kb / 10P
8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
More results

Similar Description - AT90S8535

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com