Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90S8535 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT90S8535
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S8535 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT90S8535 Datasheet HTML 1Page - ATMEL Corporation AT90S8535 Datasheet HTML 2Page - ATMEL Corporation AT90S8535 Datasheet HTML 3Page - ATMEL Corporation AT90S8535 Datasheet HTML 4Page - ATMEL Corporation AT90S8535 Datasheet HTML 5Page - ATMEL Corporation AT90S8535 Datasheet HTML 6Page - ATMEL Corporation AT90S8535 Datasheet HTML 7Page - ATMEL Corporation AT90S8535 Datasheet HTML 8Page - ATMEL Corporation AT90S8535 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 127 page
background image
1
Features
AVR® – High-performance and Low-power RISC Architecture
– 118 Powerful Instructions – Most Single Clock Cycle Execution
– 32 x 8 General-purpose Working Registers
– Up to 8 MIPS Throughput at 8 MHz
Data and Nonvolatile Program Memories
– 8K Bytes of In-System Programmable Flash
SPI Serial Interface for In-System Programming
Endurance: 1,000 Write/Erase Cycles
– 512 Bytes EEPROM
Endurance: 100,000 Write/Erase Cycles
– 512 Bytes Internal SRAM
– Programming Lock for Software Security
Peripheral Features
– 8-channel, 10-bit ADC
– Programmable UART
– Master/Slave SPI Serial Interface
– Two 8-bit Timer/Counters with Separate Prescaler and Compare Mode
– One 16-bit Timer/Counter with Separate Prescaler, Compare and
Capture Modes and Dual 8-, 9-, or 10-bit PWM
– Programmable Watchdog Timer with On-chip Oscillator
– On-chip Analog Comparator
Special Microcontroller Features
– Power-on Reset Circuit
– Real-time Clock (RTC) with Separate Oscillator and Counter Mode
– External and Internal Interrupt Sources
– Three Sleep Modes: Idle, Power Save and Power-down
Power Consumption at 4 MHz, 3V, 20
°C
– Active: 6.4 mA
– Idle Mode: 1.9 mA
– Power-down Mode: <1 µA
I/O and Packages
– 32 Programmable I/O Lines
– 40-lead PDIP, 44-lead PLCC, 44-lead TQFP, and 44-pad MLF
Operating Voltages
–V
CC: 4.0 - 6.0V AT90S8535
–V
CC: 2.7 - 6.0V AT90LS8535
Speed Grades:
– 0 - 8 MHz for the AT90S8535
– 0 - 4 MHz for the AT90LS8535
8-bit
Microcontroller
with 8K Bytes
In-System
Programmable
Flash
AT90S8535
AT90LS8535
Rev. 1041H–11/01


Similar Part No. - AT90S8535

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S8535 ATMEL-AT90S8535 Datasheet
482Kb / 10P
8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
logo
List of Unclassifed Man...
AT90S8535 ETC2-AT90S8535 Datasheet
75Kb / 2P
AVR-P40B-8535 PROTOTYPE BOARD WITH 10 PIN ICSP CONNECTOR FOR AT90S8535 AVR MICROCONTROLLERS
logo
ATMEL Corporation
AT90S8535 ATMEL-AT90S8535 Datasheet
2Mb / 61P
AVR Studio Compatible
Rev. 1925C-AVR-3/03
AT90S8535-8AC ATMEL-AT90S8535-8AC Datasheet
482Kb / 10P
8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
AT90S8535-8AI ATMEL-AT90S8535-8AI Datasheet
482Kb / 10P
8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
More results

Similar Description - AT90S8535

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com