Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90S8535 Datasheet(PDF) 92 Page - ATMEL Corporation

Part # AT90S8535
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S8535 Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button AT90S8535 Datasheet HTML 88Page - ATMEL Corporation AT90S8535 Datasheet HTML 89Page - ATMEL Corporation AT90S8535 Datasheet HTML 90Page - ATMEL Corporation AT90S8535 Datasheet HTML 91Page - ATMEL Corporation AT90S8535 Datasheet HTML 92Page - ATMEL Corporation AT90S8535 Datasheet HTML 93Page - ATMEL Corporation AT90S8535 Datasheet HTML 94Page - ATMEL Corporation AT90S8535 Datasheet HTML 95Page - ATMEL Corporation AT90S8535 Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 127 page
background image
92
AT90S/LS8535
1041H–11/01
Memory
Programming
Program and Data
Memory Lock Bits
The AT90S8535 MCU provides two Lock bits that can be left unprogrammed (“1”) or can
be programmed (“0”) to obtain the additional features listed in Table 35. The Lock bits
can only be erased with the Chip Erase command.
Note:
1. In Parallel Mode, further programming of the Fuse bits is also disabled. Program the
Fuse bits before programming the Lock bits.
Fuse Bits
The AT90S8535 has two Fuse bits, SPIEN and FSTRT.
When the SPIEN Fuse is programmed (“0”), Serial Program and Data Downloading
is enabled. Default value is programmed (“0”). The SPIEN Fuse is not accessible in
Serial Programming Mode.
When the FSTRT Fuse is programmed (“0”), the short start-up time is selected.
Default value is unprogrammed (“1”).
The status of the Fuse bits is not affected by Chip Erase.
Signature Bytes
All Atmel microcontrollers have a three-byte signature code that identifies the device.
This code can be read in both Serial and Parallel modes. The three bytes reside in a
separate address space.
1.
$000: $1E (indicates manufactured by Atmel)
2.
$001: $93 (indicates 8K bytes Flash memory)
3.
$002: $03 (indicates AT90S8535 device when signature byte $001 is $93)
Note:
1. When both Lock bits are programmed (lock mode 3), the signature bytes cannot be
read in Serial Mode. Reading the signature bytes will return: $00, $01 and $02.
Programming the Flash
and EEPROM
Atmel’s AT90S8535 offers 8K bytes of in-system reprogrammable Flash program mem-
ory and 512 bytes of EEPROM data memory.
The AT90S8535 is shipped with the On-chip Flash program and EEPROM data memory
arrays in the erased state (i.e., contents = $FF) and ready to be programmed. This
device supports a high-voltage (12V) Parallel Programming Mode and a low-voltage
Serial Programming Mode. The +12V is used for programming enable only and no cur-
rent of significance is drawn by this pin. The Serial Programming Mode provides a
convenient way to download program and data into the AT90S8535 inside the user’s
system.
The program and data memory arrays on the AT90S8535 are programmed byte-by-byte
in either programming mode. For the EEPROM, an auto-erase cycle is provided within
the self-timed write instruction in the Serial Programming Mode.
During programming, the supply voltage must be in accordance with Table 36.
Table 35. Lock Bit Protection Modes
Memory Lock Bits
Protection Type
Mode
LB1
LB2
1
1
1
No memory lock features enabled.
2
0
1
Further programming of the Flash and EEPROM is disabled.
(1)
3
0
0
Same as mode 2 and verify is also disabled.


Similar Part No. - AT90S8535

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S8535 ATMEL-AT90S8535 Datasheet
482Kb / 10P
   8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
logo
List of Unclassifed Man...
AT90S8535 ETC2-AT90S8535 Datasheet
75Kb / 2P
   AVR-P40B-8535 PROTOTYPE BOARD WITH 10 PIN ICSP CONNECTOR FOR AT90S8535 AVR MICROCONTROLLERS
logo
ATMEL Corporation
AT90S8535 ATMEL-AT90S8535 Datasheet
2Mb / 61P
   AVR Studio Compatible
Rev. 1925C-AVR-3/03
AT90S8535-8AC ATMEL-AT90S8535-8AC Datasheet
482Kb / 10P
   8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
AT90S8535-8AI ATMEL-AT90S8535-8AI Datasheet
482Kb / 10P
   8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
More results

Similar Description - AT90S8535

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com