Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24C45 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X24C45
Description  Serial AUTOSTORE NOVRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X24C45 Datasheet(HTML) 1 Page - Intersil Corporation

  X24C45 Datasheet HTML 1Page - Intersil Corporation X24C45 Datasheet HTML 2Page - Intersil Corporation X24C45 Datasheet HTML 3Page - Intersil Corporation X24C45 Datasheet HTML 4Page - Intersil Corporation X24C45 Datasheet HTML 5Page - Intersil Corporation X24C45 Datasheet HTML 6Page - Intersil Corporation X24C45 Datasheet HTML 7Page - Intersil Corporation X24C45 Datasheet HTML 8Page - Intersil Corporation X24C45 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN8104.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X24C45
256 Bit, 16 x 16 Bit
Serial AUTOSTORE™ NOVRAM
FEATURES
• AUTOSTORE NOVRAM
—Automatically performs a store operation
upon loss of VCC
• Single 5V supply
• Ideal for use with single chip microcomputers
—Minimum I/O interface
—Serial port compatible (COPS, 8051)
—Easily interfaced to microcontroller ports
• Software and hardware control of nonvolatile
functions
• Auto recall on power-up
• TTL and CMOS compatible
• Low power dissipation
—Active current: 10mA
—Standby current: 50µA
• 8-lead PDIP and 8-lead SOIC packages
• High reliability
—Store cycles: 1,000,000
—data retention: 100 years
DESCRIPTION
The Intersil X24C45 is a serial 256-bit NOVRAM featur-
ing a static RAM configured 16 x 16, overlaid bit-by-bit
with a nonvolatile EEPROM array. The X24C45 is fabri-
cated with Intersil’s Advanced CMOS Floating Gate
technology.
The Intersil NOVRAM design allows data to be trans-
ferred between the two memory arrays by means of
software commands or external hardware inputs. A
store operation (RAM data to EEPROM) is completed
in 5ms or less and a recall operation (EEPROM data to
RAM) is completed in 2µs or less.
The X24C45 also includes the AUTOSTORE feature, a
user selectable feature that automatically performs a
store operation when VCC falls below a preset threshold.
Intersil NOVRAMs are designed for unlimited write
operations to RAM, either from the host or recalls from
EEPROM and a minimum 1,000,000 store operations.
Inherent data retention is specified to be greater than
100 years.
IBLOCK DIAGRAM
Nonvolatile
Control
Logic
Column
Decode
Row
Decode
4-Bit
Counter
Decode
Instruction
Register
CE (1)
DI (3)
SK (2)
DO (4)
RECALL (6)
AS (7)
Static
RAM
256-Bit
EEPROM
Instruction
Data Sheet
June 1, 2005


Similar Part No. - X24C45

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C45 XICOR-X24C45 Datasheet
58Kb / 14P
   Serial AUTOSTORE??NOVRAM
logo
Renesas Technology Corp
X24C45 RENESAS-X24C45 Datasheet
499Kb / 12P
   256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
logo
Xicor Inc.
X24C45P XICOR-X24C45P Datasheet
58Kb / 14P
   Serial AUTOSTORE??NOVRAM
logo
Renesas Technology Corp
X24C45P RENESAS-X24C45P Datasheet
499Kb / 12P
   256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
X24C45P-V RENESAS-X24C45P-V Datasheet
499Kb / 12P
   256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
More results

Similar Description - X24C45

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C45 XICOR-X24C45 Datasheet
58Kb / 14P
   Serial AUTOSTORE??NOVRAM
X25401 XICOR-X25401 Datasheet
57Kb / 14P
   SPI Serial AUTOSTORE??NOVRAM
X20C05 XICOR-X20C05 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
X20C16 XICOR-X20C16 Datasheet
94Kb / 21P
   High Speed AUTOSTORE??NOVRAM
XM20C64 XICOR-XM20C64 Datasheet
60Kb / 11P
   High Speed AUTOSTORE??NOVRAM
X20C17 XICOR-X20C17 Datasheet
47Kb / 11P
   High Speed AUTOSTORE??NOVRAM
logo
Renesas Technology Corp
X24C45 RENESAS-X24C45 Datasheet
499Kb / 12P
   256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com