Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24C45 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X24C45
Description  Serial AUTOSTORE NOVRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X24C45 Datasheet(HTML) 3 Page - Intersil Corporation

  X24C45 Datasheet HTML 1Page - Intersil Corporation X24C45 Datasheet HTML 2Page - Intersil Corporation X24C45 Datasheet HTML 3Page - Intersil Corporation X24C45 Datasheet HTML 4Page - Intersil Corporation X24C45 Datasheet HTML 5Page - Intersil Corporation X24C45 Datasheet HTML 6Page - Intersil Corporation X24C45 Datasheet HTML 7Page - Intersil Corporation X24C45 Datasheet HTML 8Page - Intersil Corporation X24C45 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN8104.0
June 1, 2005
DEVICE OPERATION
The X24C45 contains an 8-bit instruction register. It is
accessed via the DI input, with data being clocked in
on the rising edge of SK. CE must be HIGH during the
entire data transfer operation.
Table 1. contains a list of the instructions and their opera-
tion codes. The most significant bit (MSB) of all instruc-
tions is a logic one (HIGH), bits 6 through 3 are either
RAM address bits (A) or don’t cares (X) and bits 2
through 0 are the operation codes. The X24C45 requires
the instruction to be shifted in with the MSB first.
After CE is HIGH, the X24C45 will not begin to inter-
pret the data stream until a logic "1" has been shifted
in on DI. Therefore, CE may be brought HIGH with SK
running and DI LOW. DI must then go HIGH to indi-
cate the start condition of an instruction before the
X24C45 will begin any action.
In addition, the SK clock is totally static. The user can
completely stop the clock and data shifting will be
stopped. Restarting the clock will resume shifting of data.
RCL and RECALL
Either a software RCL instruction or a LOW on the
RECALL input will initiate a transfer of EEPROM data
into RAM. This software or hardware recall operation
sets an internal "previous recall" latch. This latch is
reset upon power-up and must be intentionally set by
the user to enable any write or store operations.
Although a recall operation is performed upon power-
up, the previous recall latch is not set by this operation.
WRDS and WREN
Internally the X24C45 contains a "write enable" latch.
This latch must be set for either writes to the RAM or
store operations to the EEPROM. The WREN instruc-
tion sets the latch and the WRDS instruction resets the
latch, disabling both RAM writes and EEPROM stores,
effectively protecting the nonvolatile data from corrup-
tion. The write enable latch is automatically reset on
power-up.
STO
The software STO instruction will initiate a transfer of
data from RAM to EEPROM. In order to safeguard
against unwanted store operations, the following con-
ditions must be true:
– STO instruction issued.
– The internal "write enable" latch must be set (WREN
instruction issued).
– The "previous recall" latch must be set (either a soft-
ware or hardware recall operation).
Once the store cycle is initiated, all other device func-
tions are inhibited. Upon completion of the store cycle,
the write enable latch is reset. Refer to Figure 4 for a
state diagram description of enabling/disabling condi-
tions for store operations.
Table 1. Instruction Set
Instruction
Format, I2 I1 I0
Operation
WRDS (Figure 3)
1XXXX000
Reset Write Enable Latch (Disables Writes and Stores)
STO (Figure 3)
1XXXX001
STORE RAM Data in EEPROM
ENAS
1XXXX010
Enable AUTOSTORE Feature
WRITE (Figure 2)
1AAAA011
Write Data into RAM Address AAAA
WREN (Figure 3)
1XXXX100
Set Write Enable Latch (Enables Writes and Stores)
RCL (Figure 3)
1XXXX101
Recall EEPROM Data into RAM
READ (Figure 1)
1AAAA11X
Read Data from RAM Address AAAA
X24C45


Similar Part No. - X24C45

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C45 XICOR-X24C45 Datasheet
58Kb / 14P
   Serial AUTOSTORE??NOVRAM
logo
Renesas Technology Corp
X24C45 RENESAS-X24C45 Datasheet
499Kb / 12P
   256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
logo
Xicor Inc.
X24C45P XICOR-X24C45P Datasheet
58Kb / 14P
   Serial AUTOSTORE??NOVRAM
logo
Renesas Technology Corp
X24C45P RENESAS-X24C45P Datasheet
499Kb / 12P
   256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
X24C45P-V RENESAS-X24C45P-V Datasheet
499Kb / 12P
   256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
More results

Similar Description - X24C45

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C45 XICOR-X24C45 Datasheet
58Kb / 14P
   Serial AUTOSTORE??NOVRAM
X25401 XICOR-X25401 Datasheet
57Kb / 14P
   SPI Serial AUTOSTORE??NOVRAM
X20C05 XICOR-X20C05 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
X20C16 XICOR-X20C16 Datasheet
94Kb / 21P
   High Speed AUTOSTORE??NOVRAM
XM20C64 XICOR-XM20C64 Datasheet
60Kb / 11P
   High Speed AUTOSTORE??NOVRAM
X20C17 XICOR-X20C17 Datasheet
47Kb / 11P
   High Speed AUTOSTORE??NOVRAM
logo
Renesas Technology Corp
X24C45 RENESAS-X24C45 Datasheet
499Kb / 12P
   256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com