Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M5V216ATP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M5M5V216ATP
Description  2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5V216ATP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M5M5V216ATP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5V216ATP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5V216ATP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5V216ATP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5V216ATP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5V216ATP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5V216ATP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MITSUBISHI ELECTRIC
M5M5V216ATP,RT
revision-01, ' 98.12.08
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
MITSUBISHI LSIs
FUNCTION TABLE
2
FUNCTION
The M5M5V216ATP,RT is organized as 131,072-words by
16-bit. These devices operate on a single +2.7~3.6V power
supply, and are directly TTL compatible to both input and
output. Its fully static circuit needs no clocks and no
refresh, and makes it useful.
The operation mode are determined by a combination of
the device control inputs BC1 , BC2 , S , W and OE.
Each mode is summarized in the function table.
A write operation is executed whenever the low level W
overlaps with the low level BC1 and/or BC2 and the low
level S. The address(A0~A16) must be set up before the
write cycle and must be stable during the entire cycle.
A read operation is executed by setting W at a high level
and OE at a low level while BC1 and/or BC2 and S are in
an active state(S=L).
When setting BC1 at the high level and other pins are in
an active stage , upper-byte are in a selesctable mode in
which both reading and writing are enabled, and lower-byte
are in a non-selectable mode. And when setting BC2 at a
high level and other pins are in an active stage, lower-
byte are in a selectable mode and upper-byte are in a
non-selectable mode.
When setting BC1 and BC2 at a high level or S at a high
level, the chips are in a non-selectable mode in which both
reading and writing are disabled. In this mode, the output
stage is in a high-impedance state, allowing OR-tie with
other chips and memory expansion by BC1, BC2 and S.
The power supply current is reduced as low as 0.3µA(25 C,
typical), and the memory data can be held
at +2V power
supply, enabling battery back-up operation during power
failure or power-down operation in the non-selected mode.
BLOCK DIAGRAM
Mode
S
W
H
X
X
High-Z
S BC1 BC2
OE
DQ1~8
X
X
Non selection
DQ9~16
Icc
High-Z Standby
High-Z High-Z
L
X
L
L
H
Din
High-Z
Active
L
H
L
H
Read
High-Z
Dout
Active
L
L
H
L
Active
L
H
L
Active
L
L
High-Z
High-Z
Active
H
L
H
H
High-Z
L
L
Dout
H
L
L
Read
Dout
Active
L
L
Din
L
L
X
Write
Din
Active
H
High-Z
H
H
High-Z High-Z
Non selection
H
H
X
X
Standby
Write
L
H
L
L
Write
Din
Active
X
L
L
H
Read
High-Z
Active
L
Dout
H
High-Z
MEMORY ARRAY
131072 WORDS
x 16 BITS
CLOCK
GENERATOR
A0
A1
A15
A16
S
BC1
BC2
W
OE
DQ
8
DQ
1
DQ
16
DQ
9
-
Vcc
GND
L


Similar Part No. - M5M5V216ATP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M5V216ATP RENESAS-M5M5V216ATP Datasheet
138Kb / 9P
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V216ATP-55HI RENESAS-M5M5V216ATP-55HI Datasheet
138Kb / 9P
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V216ATP-70HI RENESAS-M5M5V216ATP-70HI Datasheet
138Kb / 9P
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5V216ATP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M5V216ATP RENESAS-M5M5V216ATP Datasheet
138Kb / 9P
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V216AWG MITSUBISHI-M5M5V216AWG Datasheet
134Kb / 7P
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V208AKV MITSUBISHI-M5M5V208AKV Datasheet
90Kb / 8P
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V208FP-70L-W MITSUBISHI-M5M5V208FP-70L-W Datasheet
91Kb / 7P
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V208FP-70L MITSUBISHI-M5M5V208FP-70L Datasheet
76Kb / 7P
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V208AKV RENESAS-M5M5V208AKV Datasheet
166Kb / 8P
2097152-BIT(262144-WORD BY 8-BIT)CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008DFP MITSUBISHI-M5M51008DFP Datasheet
70Kb / 8P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com