Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M5V216ATP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M5M5V216ATP
Description  2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5V216ATP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M5M5V216ATP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5V216ATP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5V216ATP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5V216ATP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5V216ATP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5V216ATP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5V216ATP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MITSUBISHI ELECTRIC
M5M5V216ATP,RT
revision-01, ' 98.12.08
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
MITSUBISHI LSIs
4
AC ELECTRICAL CHARACTERISTICS (Vcc=2.7 ~ 3.6V, unless otherwise noted)
1TTL
CL
DQ
Input rise time and fall time
Reference level
Output loads
2.7V~3.6V
VIH=2.2V,VIL=0.4V
VOH=VOL=1.5V
Transition is measured ±500mV from
steady state voltage.(for ten,tdis)
5ns
Fig.1,CL=30pF
CL=5pF (for ten,tdis)
(1) TEST CONDITIONS
Supply voltage
Input pulse
Fig.1 Output load
Including scope and
jig capacitance
Output disable time after S high
tCR
ns
ta(S)
ta(OE)
tdis(S)
tdis(OE)
ten(S)
ten(OE)
tV(A)
ta(A)
70
10
35
ns
ns
ns
ns
ns
ns
ns
ns
(2) READ CYCLE
Symbol
Parameter
Limits
Units
Max
Min
Read cycle time
Address access time
Chip select access time
Output enable access time
Data valid time after address
ta(BC1)
ta(BC2)
Byte control 1 access time
Byte control 2 access time
tdis(BC1)
tdis(BC2)
Output disable time after BC1 high
Output disable time after BC2 high
Output disable time after OE high
ten(BC1)
ten(BC2)
Output enable time after BC1 low
Output enable time after BC2 low
Output enable time after S low
Output enable time after OE low
ns
ns
ns
ns
ns
ns
70
70
70
70
25
25
25
25
10
10
5
10
(3) WRITE CYCLE
tsu(A-WH)
tCW
tw(W)
tsu(A)
tsu(S)
tsu(D)
th(D)
trec(W)
tdis(W)
tdis(OE)
ten(W)
ten(OE)
Chip select setup time
ns
70
ns
ns
ns
ns
ns
ns
ns
ns
Symbol
Parameter
Limits
Units
Max
Min
Write cycle time
Write pulse width
Address setup time
Address setup time with respect to W
Byte control 1 setup time
Data setup time
Data hold time
Write recovery time
Output disable time from OE high
Output enable time from W high
Output disable time from W low
Output enable time from OE low
ns
ns
ns
ns
ns
55
0
65
25
25
5
5
tsu(BC1)
tsu(BC2)
Byte control 2 setup time
65
65
65
30
0
0
55
10
30
Max
Min
55
55
55
55
20
20
20
20
10
10
5
10
M5M5V216ATP,RT - 70
M5M5V216ATP,RT - 55
55
Max
Min
45
0
50
20
20
5
5
50
50
50
25
0
0
M5M5V216ATP,RT - 70
M5M5V216ATP,RT - 55


Similar Part No. - M5M5V216ATP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M5V216ATP RENESAS-M5M5V216ATP Datasheet
138Kb / 9P
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V216ATP-55HI RENESAS-M5M5V216ATP-55HI Datasheet
138Kb / 9P
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V216ATP-70HI RENESAS-M5M5V216ATP-70HI Datasheet
138Kb / 9P
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5V216ATP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M5V216ATP RENESAS-M5M5V216ATP Datasheet
138Kb / 9P
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V216AWG MITSUBISHI-M5M5V216AWG Datasheet
134Kb / 7P
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V208AKV MITSUBISHI-M5M5V208AKV Datasheet
90Kb / 8P
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V208FP-70L-W MITSUBISHI-M5M5V208FP-70L-W Datasheet
91Kb / 7P
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V208FP-70L MITSUBISHI-M5M5V208FP-70L Datasheet
76Kb / 7P
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V208AKV RENESAS-M5M5V208AKV Datasheet
166Kb / 8P
2097152-BIT(262144-WORD BY 8-BIT)CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008DFP MITSUBISHI-M5M51008DFP Datasheet
70Kb / 8P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com