Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M5V216ATP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M5M5V216ATP
Description  2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5V216ATP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M5M5V216ATP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5V216ATP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5V216ATP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5V216ATP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5V216ATP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5V216ATP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5V216ATP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MITSUBISHI ELECTRIC
M5M5V216ATP,RT
revision-01, ' 98.12.08
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
MITSUBISHI LSIs
3
ABSOLUTE MAXIMUM RATINGS
pF
8
10
VI=GND, VI=25mVrms, f=1MHz
VO
=GND,VO=25mVrms, f=1MHz
CI
CO
Symbol
Parameter
Limits
Conditions
Units
µA
mA
µA
mA
V
Icc1
Icc2
Icc4
VIH
VIL
IO
Icc3
VOH1
IOH= -0.5mA
VOH2
IOH= -0.05mA
VOL
IOL=2mA
II
VI =0 ~ Vcc
BC1 and BC2=VIH or S=VIH or OE=VIH, VI/O=0 ~ Vcc
Vcc+0.3V
0.6
2.0
-0.3 *
2.4
0.5
0.4
±1
60
45
10
Vcc-0.5V
±1
15
-HW, -HI
Max
Typ
Min
DC ELECTRICAL CHARACTERISTICS
+70 C
+40 ~ +70 C
+25 ~ +40 C
0.3
f= 10MHz
f= 1MHz
-
-
-
-
-
-
-
-
-
-
Supply voltage
Input voltage
Output voltage
Power dissipation
Operating
temperature
Storage temperature
V
mW
C
C
Conditions
Ta=25 C
700
- 20 ~ +85
- 65 ~ +150
Ratings
Vcc
VI
VO
Pd
Ta
Tstg
-0.5* ~ +4.6
-0.5* ~ Vcc + 0.5
0 ~ Vcc
Symbol
Parameter
Units
- 40 ~ +85
0 ~ +70
Standard
W-version
I-version
With respect to GND
f= 10MHz
f= 1MHz
5
60
45
15
5
+70 ~ +85 C
+70 ~ +85 C
-L, -LW, -LI
- 20 ~ +25 C
- 40 ~ +25 C
-H, -HW, -HI
0 ~ +25 C
-H
-HW
-HI
-
-LW, -LI
-
-
0.3
0.3
1
2
5
-
-
-
-
30
25
60
-
(-L, -H)
(-LW, -HW)
(-LI, -HI)
With respect to GND
With respect to GND
( Vcc=2.7 ~ 3.6V, unless otherwise noted)
High-level input voltage
Low-level input voltage
High-level output voltage 1
High-level output voltage 2
Low-level output voltage
Input leakage current
Output leakage current
Active supply current
( AC,MOS level )
( AC,TTL level )
Active supply current
Stand by supply current
( AC,MOS level )
( AC,TTL level )
Stand by supply current
Other inputs= 0 ~ Vcc
* -3.0V in case of AC (Pulse width
30ns)
Note 1: Direction for current flowing into IC is indicated as positive (no mark)
Note 2: Typical value is for Vcc=3.0V and Ta=25 C
CAPACITANCE
(Vcc=2.7 ~ 3.6V, unless otherwise noted)
Symbol
Parameter
Conditions
Limits
Max
Typ
Min
Units
Input capacitance
Output capacitance
* -3.0V in case of AC (Pulse width
30ns)
BC1 and BC2 0.2V , S 0.2V
other inputs
0.2V or
Vcc-0.2V
Output - open (duty 100%)
<
=
<
=
>
=
BC1 and BC2=VIL , S=VIL
<
=
other pins =VIH or VIL
Output - open (duty 100%)
BC1 and BC2
Vcc - 0.2V
Other inputs=0~Vcc
S
Vcc - 0.2V,
other inputs = 0 ~ Vcc
>
=
>
=
S
0.2V
<
=
< 1 >
< 2 >
BC1 and BC2=VIH , S=VIL
or
S=VIH
2
2
<
=
<
=


Similar Part No. - M5M5V216ATP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M5V216ATP RENESAS-M5M5V216ATP Datasheet
138Kb / 9P
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V216ATP-55HI RENESAS-M5M5V216ATP-55HI Datasheet
138Kb / 9P
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V216ATP-70HI RENESAS-M5M5V216ATP-70HI Datasheet
138Kb / 9P
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5V216ATP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M5V216ATP RENESAS-M5M5V216ATP Datasheet
138Kb / 9P
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V216AWG MITSUBISHI-M5M5V216AWG Datasheet
134Kb / 7P
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V208AKV MITSUBISHI-M5M5V208AKV Datasheet
90Kb / 8P
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V208FP-70L-W MITSUBISHI-M5M5V208FP-70L-W Datasheet
91Kb / 7P
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V208FP-70L MITSUBISHI-M5M5V208FP-70L Datasheet
76Kb / 7P
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V208AKV RENESAS-M5M5V208AKV Datasheet
166Kb / 8P
2097152-BIT(262144-WORD BY 8-BIT)CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008DFP MITSUBISHI-M5M51008DFP Datasheet
70Kb / 8P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com