Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

114908 Datasheet(PDF) 1 Page - Adels-Contact

Part # 114908
Description  900-07 RZ/ 8 DS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

114908 Datasheet(HTML) 1 Page - Adels-Contact

  114908 Datasheet HTML 1Page - Adels-Contact 114908 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
06/01/2020
Screw-Screwless Connectors
900-07 RZ/ 8 DS
Terminal Block, 8 pole, Fixing: Catch Pin, Wire Protector (DS): yes,
Clamping Units per Pole: 2, Voltage Rating: 450 V, Current
Rating: 17.5 A, Cross-Section Rating External: 2.5 mm², Cross-Section
Rating Internal: 1.5 mm²
Order Info
Reference Number (ref. no.)
114908
Applications
Lighting, Electrical Appliances
PU
350
Type
Type
Terminal Block
Number of poles
8 pole
Clamping Units per Pole
2
Colour
white
Cross-Section
1.5 / 2.5 mm²
Connection Type
Screw-screwless
Wire Protector (DS)
yes
Technical Data
Voltage Rating
450 V
Current Rating
17.5 A
Insulating Material
PA 6.6
Contact Material
Spring Steel, Steel
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
Assembly Contact Screw
0.8x4.0 / 0.5 Nm
Internal Core Cross-Section max.
2.5 mm²
Internal Stripping Length
7.0-7.5 mm
External Stripping Length
8.0-8.5 mm
Fixing
Catch Pin
Internal Core Cross-Section min.
0.5 mm²
Type of Conductor Solid External
yes
Type of Conductor Flexible External
yes
Type of Conductor Solid Internal
yes
Type of Conductor Stranded Internal
yes
Cross-Section Rating External
2.5 mm²


Similar Part No. - 114908

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1149083 PHOENIX-1149083 Datasheet
462Kb / 14P
   PC 6/ 3-ST-7,62 - PCB connector
1149085 PHOENIX-1149085 Datasheet
467Kb / 14P
   PC 6/ 4-ST-7,62 - PCB connector
1149086 PHOENIX-1149086 Datasheet
458Kb / 14P
   PC 6/ 5-ST-7,62 - PCB connector
1149088 PHOENIX-1149088 Datasheet
455Kb / 14P
   PC 6/ 6-ST-7,62 - PCB connector
More results

Similar Description - 114908

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
114904 ADELS-114904 Datasheet
121Kb / 2P
   900-07 RZ/ 4 DS
114910 ADELS-114910 Datasheet
126Kb / 2P
   900-07 RZ/10 DS
114911 ADELS-114911 Datasheet
127Kb / 2P
   900-07 RZ/11 DS
114902 ADELS-114902 Datasheet
118Kb / 2P
   900-07 RZ/ 2 DS
114903 ADELS-114903 Datasheet
119Kb / 2P
   900-07 RZ/ 3 DS
114906 ADELS-114906 Datasheet
123Kb / 2P
   900-07 RZ/ 6 DS
114909 ADELS-114909 Datasheet
126Kb / 2P
   900-07 RZ/ 9 DS
114901 ADELS-114901 Datasheet
117Kb / 2P
   900-07 RZ/ 1 DS
114907 ADELS-114907 Datasheet
124Kb / 2P
   900-07 RZ/ 7 DS
114912 ADELS-114912 Datasheet
127Kb / 2P
   900-07 RZ/12 DS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com