Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37281EKSP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M37281EKSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37281EKSP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M37281EKSP Datasheet HTML 2Page - Renesas Technology Corp M37281EKSP Datasheet HTML 3Page - Renesas Technology Corp M37281EKSP Datasheet HTML 4Page - Renesas Technology Corp M37281EKSP Datasheet HTML 5Page - Renesas Technology Corp M37281EKSP Datasheet HTML 6Page - Renesas Technology Corp M37281EKSP Datasheet HTML 7Page - Renesas Technology Corp M37281EKSP Datasheet HTML 8Page - Renesas Technology Corp M37281EKSP Datasheet HTML 9Page - Renesas Technology Corp M37281EKSP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 172 page
background image
M37281MAH–XXXSP,M37281MFH–XXXSP,M37281MKH–XXXSP, M37281EKSP
Rev.1.01
2003.07.16
page 6 of 170
Power source voltage
Power
dissipation
Number of display characters
Dot structure
Kinds of characters
Kinds of character sizes
Character font coloring
Display position
Functions
Table 6.2 Performance Overview
OSD function
32 characters ✕ 16 lines
CC mode: 16 ✕ 26 dots (Character display area: 16 ✕ 20 dots)
OSD mode: 16 ✕ 20 dots
EXOSD mode: 16 ✕ 26 dots
SPRITE display: 16 ✕ 20 dots
CC/OSD mode: 510 kinds
CDOSD mode: 62 kinds
SPRITE display: 1 kind
CC mode: 4 kinds
OSD/CDOSD mode: 14 kinds
SPRITE display: 8 kinds
<CC mode>
1 screen : 8 kinds (per character unit)
<OSD mode>
1 screen : 15 kinds (per character unit)
<CDOSD mode>
1 screen : 8 kinds (per dot unit)
<SPRITE display> 1 screen : 8 kinds (per dot unit)
Horizontal: 256 levels, Vertical: 1024 levels
<SPRITE display> Horizontal: 2048 levels, Vertical: 1024 levels
5V ± 10%
275 mW typ. ( at oscillation frequency f(XIN) = 8 MHz, fOSC = 27 MHz)
165 mW typ. ( at oscillation frequency f(XIN) = 8 MHz, fOSC = 27 MHz )
82.5 mW typ. ( at oscillation frequency f(XIN) = 8 MHz)
0.33 mW typ. ( at oscillation frequency f(XCIN) = 32 kHz, f(XIN) = stop)
0.055 mW ( maximum )
–10 °C to 70 °C
CMOS silicon gate process
52-pin shrink plastic molded DIP
Data slicer
ON
Data slicer
OFF
Data slicer OFF
Data slicer
OFF
OSD ON
(Analog output)
OSD ON
(Digital output)
OSD OFF
OSD OFF
Parameter
In high-speed
mode
In low-speed
mode
In stop mode
Operating temperature range
Device structure
Package


Similar Part No. - M37281EKSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37280EKSP MITSUBISHI-M37280EKSP Datasheet
1Mb / 178P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
logo
Renesas Technology Corp
M37280EKSP RENESAS-M37280EKSP Datasheet
1Mb / 171P
SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37280EKSP RENESAS-M37280EKSP Datasheet
1Mb / 179P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37280MF MITSUBISHI-M37280MF Datasheet
1Mb / 178P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37280MF-171SP MITSUBISHI-M37280MF-171SP Datasheet
1Mb / 178P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
More results

Similar Description - M37281EKSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6_15 Datasheet
1Mb / 131P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37266ME-XXXSP MITSUBISHI-M37266ME-XXXSP Datasheet
5Mb / 79P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37273MFH RENESAS-M37273MFH Datasheet
1Mb / 130P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37270MF MITSUBISHI-M37270MF Datasheet
1Mb / 94P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37274MA MITSUBISHI-M37274MA Datasheet
2Mb / 131P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37273M8 MITSUBISHI-M37273M8 Datasheet
1Mb / 138P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com