Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

92871510 Datasheet(PDF) 1 Page - Adels-Contact

Part # 92871510
Description  AC 164 VLS/515 100 H05Z1Z1 pastel blue white
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

92871510 Datasheet(HTML) 1 Page - Adels-Contact

  92871510 Datasheet HTML 1Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
23/12/2019
Connectors System AC 164
Cables
AC 164 VLS/515 100 H05Z1Z1 pastel blue
white
Connection Cable, 5 pole, pastel blue white, Coding: 2 (DALI), Cable
Type: H05Z1Z1-F, Core Cross-Section: 1.5 mm², Fire Class: Eca,
Length: 1.00 m, Voltage Rating: 250/400 V, Current Rating: 16 A
Order Info
Reference Number (ref. no.)
92871510
PU
30
Type
Type
Connection Cable
Number of poles
5 pole
Colour
pastel blue white
Coding
2 (DALI)
Protection Against Incorrect Plugging
yes
Latch
yes
Technical Data
Voltage Rating
250/400 V
Current Rating
16 A
Insulating Material
PA 6.6
Contact Material
Brass
max. Ambient Temperature Operation
70 °C
IP Code
IP20
IP Code when Plugged
IP40
Type of Conductor Flexible
yes
Cable Type
H05Z1Z1-F
Core Cross-Section
1.5 mm²
Fire Class
Eca
Length
1.00 m
Approbation EN61535
AC 164_EN61535_20190125_DEKRA_ENEC_71-107174_web.pdf


Similar Part No. - 92871510

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
92871505 ADELS-92871505 Datasheet
160Kb / 1P
AC 164 VLS/515 050 H05Z1Z1 pastel blue white
23/12/2019
92871520 ADELS-92871520 Datasheet
160Kb / 1P
AC 164 VLS/515 200 H05Z1Z1 pastel blue white
23/12/2019
92871530 ADELS-92871530 Datasheet
160Kb / 1P
AC 164 VLS/515 300 H05Z1Z1 pastel blue white
23/12/2019
92871540 ADELS-92871540 Datasheet
160Kb / 1P
AC 164 VLS/515 400 H05Z1Z1 pastel blue white
23/12/2019
More results

Similar Description - 92871510

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
9287PW10 ADELS-9287PW10 Datasheet
155Kb / 1P
AC 164 VLS/215 100 H05Z1Z1 pastel blue white
09/12/2019
9B871510 ADELS-9B871510 Datasheet
160Kb / 1P
AC 164 VLS/515 100 pastel blue white B2ca
23/12/2019
9D871510 ADELS-9D871510 Datasheet
160Kb / 1P
AC 164 VLS/515 100 pastel blue white
23/12/2019
14871510 ADELS-14871510 Datasheet
159Kb / 1P
AC 164 VLS/515 100 pastel blue white
23/12/2019
92811510 ADELS-92811510 Datasheet
150Kb / 1P
AC 164 ALSS/515 100 H05Z1Z1 pastel blue white
23/12/2019
92871505 ADELS-92871505 Datasheet
160Kb / 1P
AC 164 VLS/515 050 H05Z1Z1 pastel blue white
23/12/2019
92871520 ADELS-92871520 Datasheet
160Kb / 1P
AC 164 VLS/515 200 H05Z1Z1 pastel blue white
23/12/2019
92871530 ADELS-92871530 Datasheet
160Kb / 1P
AC 164 VLS/515 300 H05Z1Z1 pastel blue white
23/12/2019
92871540 ADELS-92871540 Datasheet
160Kb / 1P
AC 164 VLS/515 400 H05Z1Z1 pastel blue white
23/12/2019
92875510 ADELS-92875510 Datasheet
123Kb / 1P
AC 164 VLS/515 100 H05Z1Z1 white
23/12/2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com