Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2439-1 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2439-1
Description  8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2439-1 Datasheet(HTML) 3 Page - Linear Technology

  LTC2439-1 Datasheet HTML 1Page - Linear Technology LTC2439-1 Datasheet HTML 2Page - Linear Technology LTC2439-1 Datasheet HTML 3Page - Linear Technology LTC2439-1 Datasheet HTML 4Page - Linear Technology LTC2439-1 Datasheet HTML 5Page - Linear Technology LTC2439-1 Datasheet HTML 6Page - Linear Technology LTC2439-1 Datasheet HTML 7Page - Linear Technology LTC2439-1 Datasheet HTML 8Page - Linear Technology LTC2439-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC2439-1
3
24391f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Common Mode Rejection DC
2.5V
≤ REF+ ≤ VCC, REF= GND,
q
130
140
dB
GND
≤ IN= IN+ ≤ VCC (Note 5)
Input Common Mode Rejection
2.5V
≤ REF+ ≤ VCC, REF= GND,
q
140
dB
49Hz to 61.2Hz
GND
≤ IN= IN+ ≤ VCC, (Note 5)
Input Normal Mode Rejection
(Note 5)
q
87
dB
49Hz to 61.2Hz
Reference Common Mode
2.5V
≤ REF+ ≤ VCC, GND ≤ REF≤ 2.5V,
q
130
140
dB
Rejection DC
VREF = 2.5V, IN
= IN+ = GND (Note 5)
Power Supply Rejection, DC
REF+ = 2.5V, REF= GND, IN= IN+ = GND
120
dB
Power Supply Rejection,
REF+ = 2.5V, REF= GND, IN= IN+ = GND
120
dB
Simultaneous 50Hz/60Hz
±2%
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4)
CO VERTER CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN+
Absolute/Common Mode IN+ Voltage
q
GND – 0.3
VCC + 0.3
V
IN
Absolute/Common Mode INVoltage
q
GND – 0.3
VCC + 0.3
V
VIN
Input Differential Voltage Range
q
–VREF/2
VREF/2
V
(IN+ – IN)
REF+
Absolute/Common Mode REF+ Voltage
q
0.1
VCC
V
REF
Absolute/Common Mode REFVoltage
q
GND
VCC – 0.1
V
VREF
Reference Differential Voltage Range
q
0.1
VCC
V
(REF+ – REF)
CS (IN+)IN+ Sampling Capacitance
18
pF
CS (IN)INSampling Capacitance
18
pF
CS (REF+)REF+ Sampling Capacitance
18
pF
CS (REF
)REFSampling Capacitance
18
pF
IDC_LEAK (IN
+)IN+ DC Leakage Current
CS = VCC = 5.5V, IN
+ = GND
q
–100
1
100
nA
IDC_LEAK (IN
)INDC Leakage Current
CS = VCC = 5.5V, IN
= 5V
q
–100
1
100
nA
IDC_LEAK (REF+)REF+ DC Leakage Current
CS = VCC = 5.5V, REF+ = 5V
q
–100
1
100
nA
IDC_LEAK (REF)REFDC Leakage Current
CS = VCC = 5.5V, REF= GND
q
–100
1
100
nA
Off Channel to On Channel Isolation
DC
140
dB
(RIN = 100Ω)
1Hz
140
dB
fS = 15,3600Hz
140
dB
tOPEN
MUX Break-Before-Make Interval
2.7V
≤ VCC ≤ 5.5V
100
ns
IS(OFF)
Channel Off Leakage Current
Channel at VCC and GND
q
–100
1
100
nA
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
A ALOG I PUT A D REFERE CE


Similar Part No. - LTC2439-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
   8-/16-Channel 16-Bit No Latency ADC
More results

Similar Description - LTC2439-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
   8-/16-Channel 16-Bit No Latency ADC
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
logo
Cirrus Logic
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
   16-bit and 20-bit, 8-pin Sigma-Delta ADC
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com