Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2439-1 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC2439-1
Description  8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2439-1 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC2439-1 Datasheet HTML 20Page - Linear Technology LTC2439-1 Datasheet HTML 21Page - Linear Technology LTC2439-1 Datasheet HTML 22Page - Linear Technology LTC2439-1 Datasheet HTML 23Page - Linear Technology LTC2439-1 Datasheet HTML 24Page - Linear Technology LTC2439-1 Datasheet HTML 25Page - Linear Technology LTC2439-1 Datasheet HTML 26Page - Linear Technology LTC2439-1 Datasheet HTML 27Page - Linear Technology LTC2439-1 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC2439-1
28
24391f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2003
PART NUMBER
DESCRIPTION
COMMENTS
LTC1043
Dual Precision Instrumentation Switched Capacitor
Precise, Charge Balanced Switching, Low Power
Building Block
LT1236A-5
Precision Bandgap Reference, 5V
0.05% Max, 5ppm/
°C Drift
LT1461
Micropower Precision LDO Reference
High Accuracy 0.04% Max, 3ppm/
°C Max Drift
LTC2400
24-Bit, No Latency
∆Σ ADC in SO-8
0.3ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2401/LTC2402
1-/2-Channel, 24-Bit, No Latency
∆Σ ADC in MSOP
0.6ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2404/LTC2408
4-/8-Channel, 24-Bit, No Latency
∆Σ ADC
0.3ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2410
24-Bit, Fully Differential, No Latency
∆Σ ADC
0.16ppm Noise, 2ppm INL, 3ppm Total Unadjusted Error, 200
µA
LTC2411
24-Bit, No Latency
∆Σ ADC in MSOP
1.45
µVRMS Noise, 2ppm INL
LTC2411-1
24-Bit, Simultaneous 50Hz/60Hz Rejection
∆Σ ADC
0.3ppm Noise, 2ppm INL, Pin Compatible with LTC2411
LTC2412
2-Channel, 24-Bit, Pin Compatible with LTC2439-1
800nV Noise, 2ppm INL, 3ppm TUE, 200
µA
LTC2413
24-Bit, No Latency
∆Σ ADC
Simultaneous 50Hz/60Hz Rejection, 800nVRMS Noise
LTC2414/LTC2418
8-/16-Channel, 24-Bit No Latency
∆Σ ADC
0.2ppm Noise, 2ppm INL, 3ppm Total Unadjusted Error, 200
µA
LTC2415
24-Bit, No Latency
∆Σ ADC with 15Hz Output Rate
Pin Compatible with the LTC2410
LTC2420
20-Bit, No Latency
∆Σ ADC in SO-8
1.2ppm Noise, 8ppm INL, Pin Compatible with LTC2400
LTC2424/LTC2428
4-/8-Channel, 20-Bit, No Latency
∆Σ ADCs
1.2ppm Noise, 8ppm INL, Pin Compatible with LTC2404/LTC2408
LTC2433-1
Differential Single Channel 16-Bit
∆Σ ADC
Low Noise, 16-Bits at
±50mV Input Range
LTC2436-1
2-Channel Differential 16-Bit
∆Σ ADC
Low Noise, 16-Bits at
±50mV Input Range
LTC2440
High Speed, Low Noise 24-Bit ADC
4kHz Output Rate, 200nV Noise, 24.6 ENOBs
LTC2444/45/48/49
8-/16-Channel High Speed, Low Noise 24-Bit ADC
4kHz MUX Rate, 200nV Noise
RELATED PARTS
TYPICAL APPLICATIO
VCC
REF+
FO
CH0
CH1
SCK
CH15
SDO
GND
CS
919
4.7
µF
21
18
22
THERMOCOUPLE
HONEYWELL
FSL05N2C
500 GRAM
FORCE SENSOR
8
CH10
10
17
SD1
20
15
16
24391 F30
11
REF
12
5V
5V
LTC2439-1
0.1
µF
REF+
5V
VREF = 294mV
±147mV INPUT RANGE
4.5
µV LSB
VREF = 95.04mV
±49mV INPUT RANGE
1.5
µV LSB
PANASONIC EXB-2HV202G
VISHAY MPM1001/5002B
8
× 2k
ARRAY
REF
REF +
REF
5V
50k
1k
Figure 30. Increased Resolution Bridge/Temperature Measurement
LT/TP 0404 1K • PRINTED IN USA


Similar Part No. - LTC2439-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
8-/16-Channel 16-Bit No Latency ADC
More results

Similar Description - LTC2439-1

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
16-bit and 20-bit, 8-pin Sigma-Delta ADC
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
8-/16-Channel 16-Bit No Latency ADC
logo
Analog Devices
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
3-Channel 16-Bit, Sigma-Delta ADC
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com