Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2439-1 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2439-1
Description  8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2439-1 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2439-1 Datasheet HTML 14Page - Linear Technology LTC2439-1 Datasheet HTML 15Page - Linear Technology LTC2439-1 Datasheet HTML 16Page - Linear Technology LTC2439-1 Datasheet HTML 17Page - Linear Technology LTC2439-1 Datasheet HTML 18Page - Linear Technology LTC2439-1 Datasheet HTML 19Page - Linear Technology LTC2439-1 Datasheet HTML 20Page - Linear Technology LTC2439-1 Datasheet HTML 21Page - Linear Technology LTC2439-1 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC2439-1
18
24391f
Typically, CS remains LOW during the data output state.
However, the data output state may be aborted by pulling
CS HIGH anytime between the first and 19th rising edge of
SCK, see Figure 10. On the rising edge of CS, the device
aborts the data output state and immediately initiates a
new conversion. If the device has not finished loading the
last input bit (A0 of SDI) by the time CS is pulled HIGH, the
address information is discarded and the previous ad-
dress is still kept. This is useful for aborting an invalid
conversion cycle, or synchronizing the start of a conver-
sion. If CS is pulled HIGH while the converter is driving
SCK LOW, the internal pull-up is not available to restore
SCK to a logic HIGH state. This will cause the device to exit
the internal serial clock mode on the next falling edge of
CS. This can be avoided by adding an external 10k pull-up
resistor to the SCK pin or by never pulling CS HIGH when
SCK is LOW.
Whenever SCK is LOW, the LTC2439-1’s internal pull-up
at pin SCK is disabled. Normally, SCK is not externally
driven if the device is in the internal SCK timing mode.
However, certain applications may require an external
driver on SCK. If this driver goes Hi-Z after outputting a LOW
signal, the LTC2439-1’s internal pull-up remains disabled.
Hence, SCK remains LOW. On the next falling edge of CS,
the device is switched to the external SCK timing mode.
By adding an external 10k pull-up resistor to SCK, this pin
goes HIGH once the external driver goes Hi-Z. On the next
CS falling edge, the device will remain in the internal SCK
timing mode.
A similar situation may occur during the sleep state when
CS is pulsed HIGH-LOW-HIGH in order to test the conver-
sion status. If the device is in the sleep state (EOC = 0),
SCK will go LOW. Once CS goes HIGH (within the time
period defined above as tEOCtest), the internal pull-up is
activated. For a heavy capacitive load on the SCK pin, the
internal pull-up may not be adequate to return SCK to a
HIGH level before CS goes low again. This is not a concern
under normal conditions where CS remains LOW after
detecting EOC = 0. This situation is easily overcome by
adding an external 10k pull-up resistor to the SCK pin.
APPLICATIO S I FOR ATIO
Figure 10. Internal Serial Clock, Reduced Data Output Length
(1)
(0)
EN
SGL
A2
A1
A0
ODD/
SIGN
SDI
DON’T CARE
DON’T CARE
SDO
SCK
(INTERNAL)
CS
>tEOCtest
MSB
SIG
BIT 4
TEST EOC
(OPTIONAL)
TEST EOC
BIT 14
BIT 13
BIT 12
BIT 11
BIT 15
BIT 16
BIT 17
EOC
BIT 18
EOC
BIT 0
SLEEP
SLEEP
DATA OUTPUT
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
DATA
OUTPUT
CONVERSION
CONVERSION
SLEEP
24391 F09
<tEOCtest
VCC
10k
TEST EOC
VCC
FO
REF+
REF
CH0
CH7
CH8
CH15
COM
SCK
SDI
SDO
CS
GND
920
11
12
21
28
1
8
10
18
17
15
16
19
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG
INPUTS
1
µF
2.7V TO 5.5V
LTC2439-1
4-WIRE
SPI INTERFACE
= EXTERNAL CLOCK SOURCE
= INTERNAL OSC/SIMULTANEOUS
50Hz/60Hz REJECTION
“O”


Similar Part No. - LTC2439-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
   8-/16-Channel 16-Bit No Latency ADC
More results

Similar Description - LTC2439-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
   8-/16-Channel 16-Bit No Latency ADC
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
logo
Cirrus Logic
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
   16-bit and 20-bit, 8-pin Sigma-Delta ADC
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com