Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2439-1 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2439-1
Description  8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2439-1 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2439-1 Datasheet HTML 13Page - Linear Technology LTC2439-1 Datasheet HTML 14Page - Linear Technology LTC2439-1 Datasheet HTML 15Page - Linear Technology LTC2439-1 Datasheet HTML 16Page - Linear Technology LTC2439-1 Datasheet HTML 17Page - Linear Technology LTC2439-1 Datasheet HTML 18Page - Linear Technology LTC2439-1 Datasheet HTML 19Page - Linear Technology LTC2439-1 Datasheet HTML 20Page - Linear Technology LTC2439-1 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTC2439-1
17
24391f
APPLICATIO S I FOR ATIO
Internal Serial Clock, Single Cycle Operation
This timing mode uses an internal serial clock to shift out
the conversion result and a CS signal to monitor and
control the state of the conversion cycle, see Figure 9.
In order to select the internal serial clock timing mode, the
serial clock pin (SCK) must be floating (Hi-Z) or pulled
HIGH prior to the falling edge of CS. The device will not
enter the internal serial clock mode if SCK is driven LOW
on the falling edge of CS. An internal weak pull-up resistor
is active on the SCK pin during the falling edge of CS;
therefore, the internal serial clock timing mode is auto-
matically selected if SCK is not externally driven.
The serial data output pin (SDO) is Hi-Z as long as CS is
HIGH. At any time during the conversion cycle, CS may be
pulled LOW in order to monitor the state of the converter.
Once CS is pulled LOW, SCK goes LOW and EOC is output
to the SDO pin. EOC = 1 while a conversion is in progress
and EOC = 0 if the conversion is complete.
When testing EOC, if the conversion is complete (EOC = 0),
the device will exit the low power mode during the EOC
test. In order to allow the device to return to the low power
sleep state, CS must be pulled HIGH before the first rising
edge of SCK. In the internal SCK timing mode, SCK goes
HIGH and the device begins outputting data at time tEOCtest
after the falling edge of CS (if EOC = 0) or tEOCtest after EOC
goes LOW (if CS is LOW during the falling edge of EOC).
The value of tEOCtest is 23µs if the device is using its internal
oscillator (FO = logic LOW or HIGH). If FO is driven by an
external oscillator of frequency fEOSC, then tEOCtest is
3.6/fEOSC. If CS is pulled HIGH before time tEOCtest, the
device returns to the sleep state and the conversion result
is held in the internal static shift register.
If CS remains LOW longer than tEOCtest, the first rising
edge of SCK will occur and the conversion result is serially
shifted out of the SDO pin. The data I/O cycle concludes
after the 19th rising edge. The input data is then shifted in
via the SDI pin on the rising edge of SCK (including the first
rising edge) and the output data is shifted out of the SDO
pin on each falling edge of SCK. The internally generated
serial clock is output to the SCK pin. This signal may be
used to shift the conversion result into external circuitry.
EOC can be latched on the first rising edge of SCK and the
last bit of the conversion result on the 19th rising edge of
SCK. After the 19th rising edge, SDO goes HIGH (EOC = 1),
SCK stays HIGH and a new conversion starts.
Figure 9. Internal Serial Clock, Single Cycle Operation
(1)
(0)
EN
SGL
A2
A1
A0
ODD/
SIGN
SDI
DON’T CARE
DON’T CARE
SDO
SCK
(INTERNAL)
CS
MSB
SIG
BIT 0
LSB
BIT 6
TEST EOC
BIT 14
BIT 13
BIT 12
BIT 11
BIT 15
BIT 16
BIT 17
EOC
BIT 18
SLEEP
SLEEP
DATA OUTPUT
CONVERSION
CONVERSION
24391 F08
<tEOCtest
Hi-Z
Hi-Z
Hi-Z
Hi-Z
TEST EOC
VCC
FO
REF+
REF
CH0
CH7
CH8
CH15
COM
SCK
SDI
SDO
CS
GND
920
11
12
21
28
1
8
10
18
17
15
16
19
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG
INPUTS
1
µF
2.7V TO 5.5V
LTC2439-1
4-WIRE
SPI INTERFACE
VCC
10k
= EXTERNAL CLOCK SOURCE
= INTERNAL OSC/SIMULTANEOUS
50Hz/60Hz REJECTION
“O”


Similar Part No. - LTC2439-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
   8-/16-Channel 16-Bit No Latency ADC
More results

Similar Description - LTC2439-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
   8-/16-Channel 16-Bit No Latency ADC
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
logo
Cirrus Logic
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
   16-bit and 20-bit, 8-pin Sigma-Delta ADC
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com