Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2439-1 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2439-1
Description  8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2439-1 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2439-1 Datasheet HTML 12Page - Linear Technology LTC2439-1 Datasheet HTML 13Page - Linear Technology LTC2439-1 Datasheet HTML 14Page - Linear Technology LTC2439-1 Datasheet HTML 15Page - Linear Technology LTC2439-1 Datasheet HTML 16Page - Linear Technology LTC2439-1 Datasheet HTML 17Page - Linear Technology LTC2439-1 Datasheet HTML 18Page - Linear Technology LTC2439-1 Datasheet HTML 19Page - Linear Technology LTC2439-1 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTC2439-1
16
24391f
Figure 7. External Serial Clock, Reduced Data Output Length
(1)
(0)
EN
SGL
A2
A1
A0
ODD/
SIGN
SDI
DON’T CARE
DON’T CARE
SDO
SCK
(EXTERNAL)
CS
DATA
OUTPUT
CONVERSION
SLEEP
SLEEP
SLEEP
TEST EOC
DATA OUTPUT
Hi-Z
Hi-Z
Hi-Z
CONVERSION
24391 F06
MSB
SIG
BIT 4
BIT 14
BIT 13
BIT 12
BIT 11
BIT 5
BIT 15
BIT 16
BIT 17
EOC
BIT 18
BIT 0
EOC
Hi-Z
TEST EOC
VCC
FO
REF+
REF
CH0
CH7
CH8
CH15
COM
SCK
SDI
SDO
CS
GND
920
11
12
21
28
1
8
10
18
17
15
16
19
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG
INPUTS
1
µF
2.7V TO 5.5V
LTC2439-1
4-WIRE
SPI INTERFACE
TEST EOC
(OPTIONAL)
= EXTERNAL CLOCK SOURCE
= INTERNAL OSC/SIMULTANEOUS
50Hz/60Hz REJECTION
“O”
APPLICATIO S I FOR ATIO
shift register. The input data is then shifted in via the SDI
pin on the rising edge of SCK (including the first rising
edge) and the output data is shifted out of the SDO pin on
each falling edge of SCK. EOC can be latched on the first
rising edge of SCK. On the 19th falling edge of SCK, SDO
goes HIGH (EOC = 1) indicating a new conversion has
begun.
Figure 8. External Serial Clock, CS = 0 Operation
(1)
(0)
EN
SGL
A2
A1
A0
ODD/
SIGN
SDI
DON’T CARE
DON’T CARE
EOC
BIT 18
SDO
SCK
(EXTERNAL)
CS
MSB
SIG
BIT 0
LSB
BIT 6
BIT 14
BIT 13
BIT 12
BIT 11
BIT 15
BIT 16
BIT 17
DATA OUTPUT
CONVERSION
24391 F07
CONVERSION
VCC
FO
REF+
REF
CH0
CH7
CH8
CH15
COM
SCK
SDI
SDO
CS
GND
920
11
12
21
28
1
8
10
18
17
15
16
19
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG
INPUTS
1
µF
2.7V TO 5.5V
LTC2439-1
3-WIRE
SPI INTERFACE
= EXTERNAL CLOCK SOURCE
= INTERNAL OSC/SIMULTANEOUS
50Hz/60Hz REJECTION
“O”


Similar Part No. - LTC2439-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
8-/16-Channel 16-Bit No Latency ADC
More results

Similar Description - LTC2439-1

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
16-bit and 20-bit, 8-pin Sigma-Delta ADC
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
8-/16-Channel 16-Bit No Latency ADC
logo
Analog Devices
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
3-Channel 16-Bit, Sigma-Delta ADC
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com