Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2439-1 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2439-1
Description  8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2439-1 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2439-1 Datasheet HTML 11Page - Linear Technology LTC2439-1 Datasheet HTML 12Page - Linear Technology LTC2439-1 Datasheet HTML 13Page - Linear Technology LTC2439-1 Datasheet HTML 14Page - Linear Technology LTC2439-1 Datasheet HTML 15Page - Linear Technology LTC2439-1 Datasheet HTML 16Page - Linear Technology LTC2439-1 Datasheet HTML 17Page - Linear Technology LTC2439-1 Datasheet HTML 18Page - Linear Technology LTC2439-1 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTC2439-1
15
24391f
APPLICATIO S I FOR ATIO
Figure 6. External Serial Clock, Single Cycle Operation
EOC
BIT 18
SDO
SCK
(EXTERNAL)
CS
(1)
(0)
EN
SGL
A2
A1
A0
ODD/
SIGN
SDI
DON’T CARE
TEST EOC
LBS
MSB
SIG
BIT 0
BIT 6
BIT 14
BIT 13
BIT 12
BIT 11
BIT 15
BIT 16
BIT 17
SLEEP
SLEEP
DATA OUTPUT
CONVERSION
24391 F05
CONVERSION
Hi-Z
Hi-Z
Hi-Z
TEST EOC
VCC
FO
REF+
REF
CH0
CH7
CH8
CH15
COM
SCK
SDI
SDO
CS
GND
920
11
12
21
28
1
8
10
18
17
15
16
19
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG
INPUTS
1
µF
2.7V TO 5.5V
LTC2439-1
4-WIRE
SPI INTERFACE
DON’T CARE
TEST EOC
(OPTIONAL)
= EXTERNAL CLOCK SOURCE
= INTERNAL OSC/SIMULTANEOUS
50Hz/60Hz REJECTION
(0)
is seen while CS is LOW. The input data is then shifted in
via the SDI pin on the rising edge of SCK (including the
first rising edge) and the output data is shifted out of the
SDO pin on each falling edge of SCK. This enables
external circuitry to latch the output on the rising edge of
SCK. EOC can be latched on the first rising edge of SCK
and the last bit of the conversion result can be latched on
the 19th rising edge of SCK. On the 19th falling edge of
SCK, the device begins a new conversion. SDO goes HIGH
(EOC = 1) indicating a conversion is in progress.
At the conclusion of the data cycle, CS may remain LOW
and EOC monitored as an end-of-conversion interrupt.
Alternatively, CS may be driven HIGH setting SDO to Hi-Z.
As described above, CS may be pulled LOW at any time in
order to monitor the conversion status.
Typically, CS remains LOW during the data output state.
However, the data output state may be aborted by pulling
CS HIGH anytime between the first rising edge and the19th
falling edge of SCK, see Figure 7. On the rising edge of CS,
the device aborts the data output state and immediately
initiates a new conversion. If the device has not finished
loading the last input bit A0 of SDI by the time CS is pulled
HIGH, the address information is discarded and the previ-
ous address is kept. This is useful for aborting an invalid
conversion cycle or synchronizing the start of a conversion.
External Serial Clock, 3-Wire I/O
This timing mode utilizes a 3-wire serial I/O interface. The
conversion result is shifted out of the device by an exter-
nally generated serial clock (SCK) signal, see Figure 8. CS
may be permanently tied to ground, simplifying the user
interface or isolation barrier.
The external serial clock mode is selected at the end of the
power-on reset (POR) cycle. The POR cycle is concluded
typically 1ms after VCC exceeds approximately 2V. The
level applied to SCK at this time determines if SCK is
internal or external. SCK must be driven LOW prior to the
end of POR in order to enter the external serial clock timing
mode.
Since CS is tied LOW, the end-of-conversion (EOC) can be
continuously monitored at the SDO pin during the convert
and sleep states. EOC may be used as an interrupt to an
external controller indicating the conversion result is
ready. EOC = 1 while the conversion is in progress and
EOC = 0 once the conversion ends. On the falling edge of
EOC, the conversion result is loaded into an internal static


Similar Part No. - LTC2439-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
8-/16-Channel 16-Bit No Latency ADC
More results

Similar Description - LTC2439-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
8-/16-Channel 16-Bit No Latency ADC
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
16-Bit, Sigma-Delta ADC
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
3-Channel 16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
logo
Cirrus Logic
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
16-bit and 20-bit, 8-pin Sigma-Delta ADC
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com