Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2439-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2439-1
Description  8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2439-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2439-1 Datasheet HTML 6Page - Linear Technology LTC2439-1 Datasheet HTML 7Page - Linear Technology LTC2439-1 Datasheet HTML 8Page - Linear Technology LTC2439-1 Datasheet HTML 9Page - Linear Technology LTC2439-1 Datasheet HTML 10Page - Linear Technology LTC2439-1 Datasheet HTML 11Page - Linear Technology LTC2439-1 Datasheet HTML 12Page - Linear Technology LTC2439-1 Datasheet HTML 13Page - Linear Technology LTC2439-1 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC2439-1
10
24391f
Table 1. Channel Selection
MUX ADDRESS
CHANNEL SELECTION
ODD/
SGL
SIGN
A2 A1 A0
0
123456789
10
11
12
13
14
15
COM
*
000
0
0
IN+
IN
000
0
1
IN+
IN
000
1
0
IN+
IN
000
1
1
IN+
IN
001
0
0
IN+
IN
001
0
1
IN+
IN
001
1
0
IN+
IN
001
1
1
IN+
IN
010
0
0
IN
IN+
010
0
1
IN
IN+
010
1
0
IN
IN+
010
1
1
IN
IN+
011
0
0
IN
IN+
011
0
1
IN
IN+
011
1
0
IN
IN+
011
1
1
IN
IN+
100
0
0
IN+
IN
100
0
1
IN+
IN
100
1
0
IN+
IN
100
1
1
IN+
IN
101
0
0
IN+
IN
101
0
1
IN+
IN
101
1
0
IN+
IN
101
1
1
IN+
IN
110
0
0
IN+
IN
110
0
1
IN+
IN
110
1
0
IN+
IN
110
1
1
IN+
IN
111
0
0
IN+
IN
111
0
1
IN+
IN
111
1
0
IN+
IN
111
1
1
IN+
IN
*Default at power up
APPLICATIO S I FOR ATIO
maintain the parasitic capacitance of the connection be-
tween these series resistors and the corresponding pins
as low as possible; therefore, the resistors should be
located as close as practical to the pins. In addition, series
resistors will introduce a temperature dependent offset
error due to the input leakage current. A 10nA input
leakage current will develop a 1LBS offset error on an 8k
resistor if VREF = 5V. This error has a very strong tempera-
ture dependency.


Similar Part No. - LTC2439-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
   8-/16-Channel 16-Bit No Latency ADC
More results

Similar Description - LTC2439-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
   8-/16-Channel 16-Bit No Latency ADC
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
logo
Cirrus Logic
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
   16-bit and 20-bit, 8-pin Sigma-Delta ADC
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com