Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2439-1 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2439-1
Description  8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2439-1 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2439-1 Datasheet HTML 4Page - Linear Technology LTC2439-1 Datasheet HTML 5Page - Linear Technology LTC2439-1 Datasheet HTML 6Page - Linear Technology LTC2439-1 Datasheet HTML 7Page - Linear Technology LTC2439-1 Datasheet HTML 8Page - Linear Technology LTC2439-1 Datasheet HTML 9Page - Linear Technology LTC2439-1 Datasheet HTML 10Page - Linear Technology LTC2439-1 Datasheet HTML 11Page - Linear Technology LTC2439-1 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC2439-1
8
24391f
Once CS is pulled LOW, the device exits the low power
mode and enters the data output state. If CS is pulled HIGH
before the first rising edge of SCK, the device returns to the
low power sleep mode and the conversion result is still
held in the internal static shift register. If CS remains LOW
after the first rising edge of SCK, the device begins
outputting the conversion result and inputting channel
selection bits. Taking CS high at this point will terminate
the data output state and start a new conversion. The
channel selection control bits are shifted in through SDI
from the first rising edge of SCK and depending on the
control bits, the converter updates its channel selection
immediately and is valid for the next conversion. The
details of channel selection control bits are described in
the Input Data Mode section. The output data is shifted out
the SDO pin under the control of the serial clock (SCK). The
output data is updated on the falling edge of SCK allowing
APPLICATIO S I FOR ATIO
CS
SDO
Hi-Z
SIG
(0)
BIT16
MSB
B22
CONVERSON RESULT
BIT15
BIT14
BIT13
BIT12
BIT11
BIT6
BIT5
BIT3
BIT2
BIT1
LSB
BIT0
BIT4
BIT17
SCK
SDI
SLEEP
DATA INPUT/OUTPUT
BIT18
EOC
(1)
(0)
EN
SGL
A2
A1
A0
DON’T CARE
CONVERSION
24391 F03a
ODD/
SIGN
CONVERSION RESULT
N – 1
ADDRESS
N
ADDRESS
N + 1
ADDRESS
N + 2
OUTPUT
N – 1
OUTPUT
N
OUTPUT
N + 1
SDO
SCK
SDI
OPERATION
Hi-Z
DON’T CARE
CONVERSION N
24391 F03b
CONVERSION N + 1
DON’T CARE
Hi-Z
Hi-Z
CONVERSION RESULT
N
CONVERSION RESULT
N + 1
Figure 3b. Typical Operation Sequence
the user to reliably latch data on the rising edge of SCK (see
Figure 3). The data output state is concluded once 19 bits
are read out of the ADC or when CS is brought HIGH. The
device automatically initiates a new conversion and the
cycle repeats. In order to maintain compatibility with
24-/32-bit data transfers, it is possible to clock the
LTC2439-1 with additional serial clock pulses. This results
in additional data bits which are always logic HIGH.
Through timing control of the CS and SCK pins, the
LTC2439-1 offers several flexible modes of operation
(internal or external SCK and free-running conversion
modes). These various modes do not require program-
ming configuration registers; moreover, they do not dis-
turb the cyclic operation described above. These modes of
operation are described in detail in the Serial Interface
Timing Modes section.
Figure 3a. Input/Output Data Timing


Similar Part No. - LTC2439-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
   8-/16-Channel 16-Bit No Latency ADC
More results

Similar Description - LTC2439-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
   8-/16-Channel 16-Bit No Latency ADC
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
logo
Cirrus Logic
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
   16-bit and 20-bit, 8-pin Sigma-Delta ADC
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com