Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP451JQDQFTQ1 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP451JQDQFTQ1
Description  TMP451-Q1 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP451JQDQFTQ1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP451JQDQFTQ1 Datasheet HTML 9Page - Texas Instruments TMP451JQDQFTQ1 Datasheet HTML 10Page - Texas Instruments TMP451JQDQFTQ1 Datasheet HTML 11Page - Texas Instruments TMP451JQDQFTQ1 Datasheet HTML 12Page - Texas Instruments TMP451JQDQFTQ1 Datasheet HTML 13Page - Texas Instruments TMP451JQDQFTQ1 Datasheet HTML 14Page - Texas Instruments TMP451JQDQFTQ1 Datasheet HTML 15Page - Texas Instruments TMP451JQDQFTQ1 Datasheet HTML 16Page - Texas Instruments TMP451JQDQFTQ1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
13
TMP451-Q1
www.ti.com
SLOS877B – OCTOBER 2014 – REVISED JUNE 2019
Product Folder Links: TMP451-Q1
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Shutdown Mode (SD)
The TMP451-Q1 shutdown mode enables the user to save maximum power by shutting down all device circuitry
other than the serial interface, reducing current consumption to typically less than 3 μA; see Figure 11, Shutdown
Quiescent Current vs Supply Voltage. Shutdown mode is enabled when the SD bit (bit 6) of the configuration
register is high; the device shuts down after the current conversion is finished. When the SD bit is low, the device
maintains a continuous-conversion state.
7.5 Programming
7.5.1 Serial Interface
The TMP451-Q1 device operates only as a slave device on either the two-wire bus or the SMBus. Connections
to either bus are made using the open-drain I/O lines, SDA and SCL. The SDA and SCL pins feature integrated
spike suppression filters and Schmitt triggers to minimize the effects of input spikes and bus noise. The TMP451-
Q1 device supports the transmission protocol for fast (1 kHz to 400 kHz) and high-speed (1 kHz to 2.5 MHz)
modes. All data bytes are transmitted MSB first.
7.5.1.1 Bus Overview
The TMP451-Q1 device is SMBus interface compatible. In SMBus protocol, the device that initiates the transfer
is called a master, and the devices controlled by the master are slaves. The bus must be controlled by a master
device that generates the serial clock (SCL), controls the bus access, and generates the start and stop
conditions.
To address a specific device, a start condition is initiated. A start condition is indicated by pulling the data line
(SDA) from a high-to-low logic level while SCL is high. All slaves on the bus shift in the slave address byte, with
the last bit indicating whether a read or write operation is intended. During the ninth clock pulse, the slave being
addressed responds to the master by generating an acknowledge bit and pulling SDA low.
Data transfer is then initiated and sent over eight clock pulses followed by an acknowledge bit. During data
transfer SDA must remain stable while SCL is high, because any change in SDA while SCL is high is interpreted
as a control signal.
After all data have been transferred, the master generates a stop condition. A stop condition is indicated by
pulling SDA from low to high, while SCL is high.
7.5.1.2 Bus Definitions
The TMP451-Q1 device is two-wire and SMBus-compatible. Figure 15 and Figure 16 show the timing for various
operations on the TMP451-Q1 device. The bus definitions are as follows:
Bus Idle:
Both SDA and SCL lines remain high.
Start Data Transfer: A change in the state of the SDA line, from high to low, while the SCL line is high, defines
a start condition. Each data transfer initiates with a start condition.
Stop Data Transfer: A change in the state of the SDA line from low to high while the SCL line is high defines a
stop condition. Each data transfer terminates with a repeated start or stop condition.
Data Transfer: The number of data bytes transferred between a start and a stop condition is not limited and is
determined by the master device. The receiver acknowledges data transfer.
Acknowledge: Each receiving device, when addressed, is obliged to generate an acknowledge bit. A device
that acknowledges must pull down the SDA line during the acknowledge clock pulse in such a way
that the SDA line is stable low during the high period of the acknowledge clock pulse. Take setup
and hold times into account. On a master receive, data transfer termination can be signaled by the
master generating a not-acknowledge on the last byte that has been transmitted by the slave.


Similar Part No. - TMP451JQDQFTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP451JQDQFTQ1 TI1-TMP451JQDQFTQ1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP451JQDQFTQ1 TI1-TMP451JQDQFTQ1 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
More results

Similar Description - TMP451JQDQFTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP451-Q1 TI-TMP451-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TMP451-Q1 짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP442 TI-TMP442_15 Datasheet
1Mb / 29P
[Old version datasheet]   TMP451-Q1 짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451 TI1-TMP451_15 Datasheet
1Mb / 41P
[Old version datasheet]   TMP451 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com