Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP451-Q1 Datasheet(PDF) 20 Page - Texas Instruments

Part # TMP451-Q1
Description  TMP451-Q1 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP451-Q1 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP451-Q1_V02 Datasheet HTML 16Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 17Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 18Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 19Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 20Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 21Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 22Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 23Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
ADJUST
eff
1.008
2088
N
2088
§
·
u
¨
¸
©
¹
eff
ADJUST
1.008
2088
2088
N
§
·
u
¨
¸
©
¹
=
V
V
BE2
BE1
-
hkT
q
ln
I
2
I
1
20
TMP451-Q1
SLOS877B – OCTOBER 2014 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TMP451-Q1
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
7.6.1.5 Conversion Rate Register
The conversion rate register (read address 04h, write address 0Ah) controls the rate at which temperature
conversions are performed. This register adjusts the idle time between conversions but not the conversion time
itself, thereby allowing the TMP451-Q1 power dissipation to be balanced with the temperature register update
rate. Table 7 lists the conversion rate options and corresponding time between conversions. The default value of
the register is 08h, which gives a default rate of 16 conversions per second.
Table 7. Conversion Rate
VALUE
CONVERSIONS PER SECOND
TIME (SECONDS)
00h
0.0625
16
01h
0.125
8
02h
0.25
4
03h
0.5
2
04h
1
1
05h
2
0.5
06h
4
0.25
07h
8
0.125
08h
16 (default)
0.0625 (default)
09h
32
0.03125
7.6.1.6 One-Shot Start Register
When the TMP451-Q1 device is in shutdown mode (SD = 1 in the configuration register), a single conversion is
started by writing any value to the one-shot start register, pointer address 0Fh. This write operation starts one
conversion and comparison cycle on both the local and the remote sensors. The TMP451-Q1 device returns to
shutdown mode when the cycle completes. The value of the data sent in the write command is irrelevant and is
not stored by the TMP451-Q1 device.
7.6.1.7 η-Factor Correction Register
The TMP451-Q1 device allows for a different η-factor value to be used for converting remote channel
measurements to temperature. The remote channel uses sequential current excitation to extract a differential VBE
voltage measurement to determine the temperature of the remote transistor. Equation 1 shows this voltage and
temperature.
(1)
The value η in Equation 1 is a characteristic of the particular transistor used for the remote channel. The power-
on reset value for the TMP451-Q1 device is η = 1.008. The value in the η-factor correction register may be used
to adjust the effective η-factor according to Equation 2 and Equation 3.
(2)
(3)
The η-factor correction value must be stored in twos complement format, yielding an effective data range from
–128 to 127. The η-factor correction value is written to and read from pointer address 23h. The register power-on
reset value is 00h, thus having no effect unless a different value is written to it.
Table 8. η-Factor Range
NADJUST
η
BINARY
HEX
DECIMAL
0111 1111
7F
127
0.950198
0000 1010
0A
10
1.003195


Similar Part No. - TMP451-Q1_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
More results

Similar Description - TMP451-Q1_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP451-Q1 TI-TMP451-Q1_15 Datasheet
1Mb / 34P
TMP451-Q1 짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP442 TI-TMP442_15 Datasheet
1Mb / 29P
TMP451-Q1 짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451 TI1-TMP451_15 Datasheet
1Mb / 41P
TMP451 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP451 TI-TMP451 Datasheet
990Kb / 27P
짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com