Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP451-Q1 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMP451-Q1
Description  TMP451-Q1 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP451-Q1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP451-Q1_V02 Datasheet HTML 12Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 13Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 14Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 15Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 16Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 17Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 18Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 19Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
TMP451-Q1
SLOS877B – OCTOBER 2014 – REVISED JUNE 2019
www.ti.com
16
Product Folder Links: TMP451-Q1
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
(1)
X = undefined. Writing any value to this register initiates a one-shot start; see the One-Shot Conversion section.
7.6 Register Map
Table 4. Register Map
POINTER READ
(HEX)
POINTER
WRITE (HEX)
POR (HEX)
BIT DESCRIPTION
REGISTER DESCRIPTION
7
6
5
4
3
2
1
0
00
N/A
00
LT11
LT10
LT9
LT8
LT7
LT6
LT5
LT4
Local temperature (high byte)
01
N/A
00
RT11
RT10
RT9
RT8
RT7
RT6
RT5
RT4
Remote temperature (high byte)
02
N/A
N/A
BUSY
LHIGH
LLOW
RHIGH
RLOW
OPEN
RTHRM
LTHRM
Status register
03
09
00
MASK1
SD
ALERT/
THERM2
0
0
RANGE
0
0
Configuration register
04
0A
08
0
0
0
0
CR3
CR2
CR1
CR0
Conversion rate register
05
0B
55
LTHL11
LTHL10
LTHL9
LTHL8
LTHL7
LTHL6
LTHL5
LTHL4
Local temperature high limit
06
0C
00
LTLL11
LTLL10
LTLL9
LTLL8
LTLL7
LTLL6
LTLL5
LTLL4
Local temperature low limit
07
0D
55
RTHL11
RTHL10
RTHL9
RTHL8
RTHL7
RTHL6
RTHL5
RTHL4
Remote temperature high limit (high byte)
08
0E
00
RTLL11
RTLL10
RTLL9
RTLL8
RTLL7
RTLL6
RTLL5
RTLL4
Remote temperature low limit (high byte)
N/A
0F
N/A
X
X
X
X
X
X
X
X
One-shot start
(1)
10
N/A
00
RT3
RT2
RT1
RT0
0
0
0
0
Remote temperature (low byte)
11
11
00
RTOS11
RTOS10
RTOS9
RTOS8
RTOS7
RTOS6
RTOS5
RTOS4
Remote temperature offset (high byte)
12
12
00
RTOS3
RTOS2
RTOS1
RTOS0
0
0
0
0
Remote temperature offset (low byte)
13
13
00
RTHL3
RTHL2
RTHL1
RTHL0
0
0
0
0
Remote temperature high limit (low byte)
14
14
00
RTLL3
RTLL2
RTLL1
RTLL0
0
0
0
0
Remote temperature low limit (low byte)
15
N/A
00
LT3
LT2
LT1
LT0
0
0
0
0
Local temperature (low byte)
19
19
6E
RTH11
RTH10
RTH9
RTH8
RTH7
RTH6
RTH5
RTH4
Remote temperature THERM limit
20
20
6E
LTH11
LTH10
LTH9
LTH8
LTH7
LTH6
LTH5
LTH4
Local temperature THERM limit
21
21
0A
HYS11
HYS10
HYS9
HYS8
HYS7
HYS6
HYS5
HYS4
THERM hysteresis
22
22
01
SMBTO
0
0
0
CONAL2
CONAL1
CONAL0
1
Consecutive ALERT
23
23
00
NC7
NC6
NC5
NC4
NC3
NC2
NC1
NC0
η-factor correction
24
24
00
0
0
0
0
0
0
DF1
DF0
Digital filter control
FE
N/A
55
0
1
0
1
0
1
0
1
Manufacturer ID


Similar Part No. - TMP451-Q1_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
More results

Similar Description - TMP451-Q1_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP451-Q1 TI-TMP451-Q1_15 Datasheet
1Mb / 34P
TMP451-Q1 짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP442 TI-TMP442_15 Datasheet
1Mb / 29P
TMP451-Q1 짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451 TI1-TMP451_15 Datasheet
1Mb / 41P
TMP451 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP451 TI-TMP451 Datasheet
990Kb / 27P
짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com