Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C750E Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C750E
Description  TL16C750E UART with 128-Byte FIFO
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C750E Datasheet(HTML) 1 Page - Texas Instruments

  TL16C750E Datasheet HTML 1Page - Texas Instruments TL16C750E Datasheet HTML 2Page - Texas Instruments TL16C750E Datasheet HTML 3Page - Texas Instruments TL16C750E Datasheet HTML 4Page - Texas Instruments TL16C750E Datasheet HTML 5Page - Texas Instruments TL16C750E Datasheet HTML 6Page - Texas Instruments TL16C750E Datasheet HTML 7Page - Texas Instruments TL16C750E Datasheet HTML 8Page - Texas Instruments TL16C750E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
TX
RX
128-Byte TX FIFO
128-Byte RX FIFO
UART Registers
Baud
Rate
Generator
UART
TX
CTS
OP, DTR
DSR, RI, CD
RTS
RX
Data Bus
Interface
A2 to A0
D7 to D0
CS
IOR
IOW
INT
TXRDY
RXRDY
RESET
XTAL1
XTAL2
Crystal
Oscillator
Buffer
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TL16C750E
SLLSF10 – DECEMBER 2019
TL16C750E UART with 128-Byte FIFO
1
1 Features
1
Supports wide supply voltage range of 1.62 V to
5.5 V
6 Mbps (48-MHz oscillator input clock)
at 5 V and 3.3 V
3 Mbps (48-MHz oscillator input clock)
at 5 V and 3.3 V
2 Mbps (32-MHz oscillator input clock)
at 3.3 V
1.5 Mbps (24-MHz oscillator input clock)
at 2.5 V
1 Mbps (16-MHz oscillator Input clock)
at 1.8 V
Characterized for operation from –40°C to 105°C
128-byte transmit or receive FIFO
6-bit fractional baud rate divider
Software-selectable baud-rate generator
Programmable and selectable transmit and
Receive FIFO Trigger Levels for DMA, interrupt
generation, and software or hardware flow control
Software/Hardware flow control
Programmable Xon and Xoff characters with
optional Xon any character
Programmable Auto-RTS and Auto-CTS-
modem control functions (CTS, RTS, DSR,
DTR, RI, and CD)
DMA signaling capability for both received and
transmitted data
RS-485 mode support
Infrared data association (IrDA) capability
Programmable sleep mode
Programmable serial interface characteristics
5, 6, 7, or 8-bit characters with 1, 1.5, or 2 stop
bit generation
Even, odd, or no parity bit generation and
detection
False start bit and line break detection
Internal test and loopback capabilities
2 Applications
Industrial computing
Communications equipment
White goods
3 Description
The TL16C750E is a single universal asynchronous
receiver transmitter (UART) with 128-byte FIFOs,
fractional baud rate support, automatic hardware,
software flow control and data rates up to 6 Mbps.
The
device
offers
enhanced
features
such
as
fractional baud rate and a transmission character
control register (TCR) that stores received FIFO
threshold level to start or stop transmission during
hardware and software flow control automatically
without intervention from the CPU.
With the FIFO RDY register, the software gets the
status of TXRDY or RXRDY, saving extra GPIO
usage. On-chip status registers provide the user with
error indications, operational status, and modem
interface control. System interrupts may be tailored to
meet
user
requirements.
An
internal
loop-back
capability
allows
onboard
diagnostics.
The
TL16C750E incorporates the functionality of UART,
the UART having its own register set and FIFO.
This version includes the Alternate Function Register
(AFR) and this is used to enable some extra
functionality beyond the capabilities of the TL16C750
version. One addition is the IrDA mode, which
supports Standard IrDA (SIR) mode with baud rates
from 2400 to 115.2 kbps. The third addition is support
for RS-485 bus drivers or transceivers by providing
an output pin (DTRx) per channel, which is timed to
keep the RS-485 driver enabled as long as transmit
data is pending.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TL16C750E
TQFP (48)
7.00 mm × 7.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Block Diagram


Similar Part No. - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FN TI-TL16C750FN Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FNR TI-TL16C750FNR Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750IPM TI-TL16C750IPM Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750PM TI-TL16C750PM Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
More results

Similar Description - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com