Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C750E Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C750E
Description  TL16C750E UART with 128-Byte FIFO
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C750E Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL16C750E Datasheet HTML 4Page - Texas Instruments TL16C750E Datasheet HTML 5Page - Texas Instruments TL16C750E Datasheet HTML 6Page - Texas Instruments TL16C750E Datasheet HTML 7Page - Texas Instruments TL16C750E Datasheet HTML 8Page - Texas Instruments TL16C750E Datasheet HTML 9Page - Texas Instruments TL16C750E Datasheet HTML 10Page - Texas Instruments TL16C750E Datasheet HTML 11Page - Texas Instruments TL16C750E Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
8
TL16C750E
SLLSF10 – DECEMBER 2019
www.ti.com
Product Folder Links: TL16C750E
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Timing Requirements (continued)
TA = -40°C to 105°C, VCC = 1.8 V to 5 V ±10% (unless otherwise noted)
LIMITS
UNIT
1.8 V
2.5 V
3.3 V
5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
t6s
Address setup time
65
45
30
20
ns
t6h
Address hold time
See Figure 2 and Figure 4
15
10
7
5
ns
t7w
IOR strobe width
See Figure 2 and Figure 4
85
70
50
40
ns
t9w
Read cycle delay
See Figure 4
85
70
60
50
ns
t12d
Delay from IOR to data
See Figure 4
90
55
35
25
ns
t12h
Data disable time
45
30
20
15
ns
t13w
IOW strobe width
See Figure 2
85
70
50
40
ns
t15w
Write cycle delay
See Figure 2
85
70
60
50
ns
t16s
Data setup time
See Figure 2
70
50
30
20
ns
t16h
Data hold time
See Figure 2
35
25
15
10
ns
t17d
Delay from IOW to output
50-pF load, see Figure 6
80
50
35
25
ns
t18d
Delay to set interrupt from MODEM
input
50-pF load, see Figure 6
120
80
50
35
ns
t19d
Delay to reset interrupt from IOR
50-pF load
100
65
40
30
ns
t20d
Delay from stop to set interrupt
See Figure 8
1
1
1
1
baudrate
t21d
Delay from IOR to reset interrupt
50-pF load, see Figure 8
100
65
40
30
ns
t22d
Delay from stop to interrupt
See Figure 14
1
1
1
1
baudrate
t23d
Delay from initial IOW reset to
transmit start
See Figure 14
8
24
8
24
8
24
8
24
baudrate
t24d
Delay from IOW to reset interrupt
See Figure 14
90
60
35
25
ns
t25d
Delay from stop to set RXRDY
See Figure 10 and Figure 12
1
1
1
1
baudrate
t26d
Delay from IOR to reset RXRDY
See Figure 10 and Figure 12
100
65
40
30
ns
t27d
Delay from IOW to set TXRDY
See Figure 16 and
80
50
35
25
ns
t28d
Delay from start to reset TXRDY
See Figure 16 and
16
16
16
16
baudrate
No IOR (MODE = GND)
tRESET
Reset pulse width
200
200
200
200
ns
CP
CP clock period
63
42
20
20
ns
t3w
Oscillator or clock speed
16
24
48
48
MHz
t6s
Address setup time
70
45
30
20
ns
t6h
Address hold time
See Figure 3 and Figure 5
15
10
7
5
ns
t9w
Read cycle delay
See Figure 5
85
70
60
50
ns
t12d
Delay from CS to data
See Figure 5
95
65
40
25
ns
t12h
Data disable time
45
30
20
15
ns
t13w
IOW strobe width
See Figure 3
85
70
50
40
ns
t15w
Write cycle delay
See Figure 3
85
70
60
50
ns
t16s
Data setup time
See Figure 3
75
50
30
25
ns
t16h
Data hold time
See Figure 3
80
50
35
25
ns
t17d
Delay from CS to output
50-pF load, see Figure 6
80
50
35
25
ns
t18d
Delay to set interrupt from MODEM
input
50-pF load, see Figure 6
120
75
45
35
ns
t19d
Delay to reset interrupt from CS
50-pF load
95
65
40
30
ns
t20d
Delay from stop to set interrupt
See Figure 8
1
1
1
1
baudrate
t21d
Delay from IOR to reset interrupt
50-pF load, see Figure 8
85
55
40
30
ns
t22d
Delay from stop to interrupt
See Figure 14
1
1
1
1
baudrate
t23d
Delay from initial CS reset to transmit
start
See Figure 14
8
24
8
24
8
24
8
24
baudrate
t24d
Delay from IOW to reset interrupt
See Figure 14
90
60
40
25
ns
t25d
Delay from stop to set RXRDY
See Figure 10 and Figure 12
1
1
1
1
baudrate
t26d
Delay from CS to reset RXRDY
See Figure 10 and Figure 12
95
60
35
25
ns


Similar Part No. - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FN TI-TL16C750FN Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FNR TI-TL16C750FNR Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750IPM TI-TL16C750IPM Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750PM TI-TL16C750PM Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
More results

Similar Description - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com