Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C750E Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C750E
Description  TL16C750E UART with 128-Byte FIFO
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C750E Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL16C750E Datasheet HTML 2Page - Texas Instruments TL16C750E Datasheet HTML 3Page - Texas Instruments TL16C750E Datasheet HTML 4Page - Texas Instruments TL16C750E Datasheet HTML 5Page - Texas Instruments TL16C750E Datasheet HTML 6Page - Texas Instruments TL16C750E Datasheet HTML 7Page - Texas Instruments TL16C750E Datasheet HTML 8Page - Texas Instruments TL16C750E Datasheet HTML 9Page - Texas Instruments TL16C750E Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
6
TL16C750E
SLLSF10 – DECEMBER 2019
www.ti.com
Product Folder Links: TL16C750E
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VI
Input voltage
–0.3
VCC
V
VIH
High-level input voltage
0.7 × VCC
V
VIL
Low-level input voltage
0.8
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
All outputs
–1.8
mA
IOL
Low-level output current
All outputs
3.2
mA
Oscillator or clock speed
48
MHz
TA
Operating free-air temperature
-40
105
VCC = 5 V ±10%
VCC
Supply voltage
4.5
5
5.5
V
VI
Input voltage
–0.3
VCC
V
VIH
High-level input voltage
Except XTAL1
2
V
XTAL1
0.7 × VCC
VIL
Low-level input voltage
Except XTAL1
0.8
V
XTAL1
0.3 × VCC
VO
Output voltage
0
VCC
V
IOH
High-level output current
All outputs
–4
mA
IOL
Low-level output current
All outputs
4
mA
Oscillator or clock speed
48
MHz
TA
Operating free-air temperature
-40
105
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
PFB (TQFP)
UNIT
48 PINS
RθJA
Junction-to-ambient thermal resistance
61
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
17.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 1.8 V
VOH
High-level output voltage
IOH = –0.5 mA
1.3
V
VOL
Low-level output voltage
IOL = 1 mA
0.5
II
Input current
VCC = 1.98 V,
VI = 0 to 1.98 V
VSS = 0,
All other terminals floating
10
μA
IOZ
High-impedance state
output current
VCC = 1.98 V,
VO = 0 to 1.98 V
Chip selected in write mode or chip
deselect
±20
μA
ICC
Supply current
VCC = 1.98 V, DSR, CTS, and RI at 2
V
All other inputs at 0.4 V,
No load on outputs, XTAL1 at 16
MHz,
Baud rate = 1 Mb/s
6
mA
CI(CLK)
Clock input capacitance
VCC = 0,
f = 1 MHz,
All other terminals grounded
VSS = 0,
TA = 25°C,
5
7
pF
CO(CLK)
Clock output capacitance
5
7
CI
Input capacitance
6
10
CO
Output capacitance
10
15
VCC = 2.5 V


Similar Part No. - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FN TI-TL16C750FN Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FNR TI-TL16C750FNR Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750IPM TI-TL16C750IPM Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750PM TI-TL16C750PM Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
More results

Similar Description - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com