Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C750E Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C750E
Description  TL16C750E UART with 128-Byte FIFO
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C750E Datasheet(HTML) 44 Page - Texas Instruments

Back Button TL16C750E Datasheet HTML 40Page - Texas Instruments TL16C750E Datasheet HTML 41Page - Texas Instruments TL16C750E Datasheet HTML 42Page - Texas Instruments TL16C750E Datasheet HTML 43Page - Texas Instruments TL16C750E Datasheet HTML 44Page - Texas Instruments TL16C750E Datasheet HTML 45Page - Texas Instruments TL16C750E Datasheet HTML 46Page - Texas Instruments TL16C750E Datasheet HTML 47Page - Texas Instruments TL16C750E Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 59 page
background image
44
TL16C750E
SLLSF10 – DECEMBER 2019
www.ti.com
Product Folder Links: TL16C750E
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9.5.15 FIFO Ready Register
The FIFO ready register provides realtime status of the transmit and receive FIFOs. Table 21 shows the FIFO
ready register bit settings. The trigger level mentioned in Table 21 refers to the setting in either FCR (when TLR
value is 0), or TLR (when it has a nonzero value).
Table 21. FIFO Ready Register
BIT
BIT SETTINGS
0
0 = There are fewer than a TX trigger level number of spaces available in the TX FIFO.
1 = There are at least a TX trigger level number of spaces available in the TX FIFO.
3:1
Unused, always 0.
4
0 = There are fewer than a RX trigger level number of characters in the RX FIFO.
1 = The RX FIFO has more than a RX trigger level number of characters available for reading or a timeout condition has
occurred.
7:5
Unused, always 0
The FIFORdy register is a read only register and can be accessed when the UART is selected. CS = 0, MCR[2]
(FIFORdy Enable) is a logic 1, and loopback is disabled. Its address is 111.
9.5.16 Alternate Function Register (AFR)
The AFR is used to enable some extra functionality beyond the capabilities of the original TL16C750. The first
addition is the IrDA mode, which supports Standard IrDA (SIR) mode with baud rates from 2400 to 115.2 kbps.
The third addition is support for RS-485 bus drivers or transceivers by providing an output pin (DTR), which is
timed to keep the RS-485 driver enabled as long as transmit data is pending.
The AFR is located at A[2:0] = 010 when LCR[7:5] = 100.
Table 22. AFR Bit Settings
BIT
BIT SETTINGS
0
Reserved bit. Does not do anything
1
IREN enables the IrDA SIR mode. This mode is only specified to 115.2 bps; TI does not recommend the use of this
mode at higher speeds.
2
485EN enables the half duplex RS-485 mode and causes the DTR output to be set high whenever there is any data in
the THR or TSR and to be held high until the delay set by DLY2:0 has expired, at which time it is set low. The DTR
output is intended to drive the enabled input of an RS-485 driver. When this bit is set, the transmitter interrupts are held
off until the TSR is empty, unless 485LG is set.
3
485LG is set when the 485EN is set. This bit indicates that a relatively large data block is being set, requiring more than
a single load of the xmt fifo. In this case, the transmitter interrupts occur as in the standard RS-232 mode, either when
the xmt fifo contents drop below the xmt threshold or when the xmt fifo is empty.
4
RCVEN is valid only when 485EN or IREN is set, and allows the serial receiver to listen in or snoop on the RS-485 traffic
or IrDA traffic. RS-485 mode is generally considered half duplex, and usually a node is either driving or receiving, but
there can be cases when it is advantageous to verify what you are sending. This can be used to detect collisions or as
part of an arbitration mechanism on the bus. When both RCVEN and 485EN are set, the receiver stores any data
presented on RX, if any. Note that implies that the external RS-485 receiver is enabled. Whenever 485EN is cleared, the
serial receiver is enabled for normal full duplex RS-232 traffic. If RCVEN is cleared while 485EN is set, the receiver is
disabled while transmitting. SIR is also considered half duplex. Often the light energy from the transmitting LED is
coupled back into the receiving PIN diode, which creates an input data stream that is not of interest to the host. Disabling
the receiver (clearing RCVEN) prevents this reception, and eliminates the task of unloading the data. On the other hand,
for diagnostic or other purposes, it may be useful to observe this data stream. For example, a mirror could be used to
intentionally couple the output LED to the input PIN. For these cases, RCVEN could be set to enable the receiver.
NOTE: When RCVEN is cleared (set to 0), the character timeout interrupt is not available, even in RS-232 mode. This
can be useful when checking code for valid threshold interrupts, as the timeout interrupt does not override the threshold
interrupt.
7:5
DLY2 to DLY0 sets a delay after the last stop bit of the last data byte being set before the DTR is set low, to allow for
long cable runs. The delay is in number of bit times and is enabled by 485EN. The delay starts only when both the xmt
serial shift register (TSR) is empty and the xmt fifo (THR) is empty, and if started, is cleared by any data being written to
the THR.


Similar Part No. - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FN TI-TL16C750FN Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FNR TI-TL16C750FNR Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750IPM TI-TL16C750IPM Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750PM TI-TL16C750PM Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
More results

Similar Description - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com