Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C750E Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C750E
Description  TL16C750E UART with 128-Byte FIFO
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C750E Datasheet(HTML) 43 Page - Texas Instruments

Back Button TL16C750E Datasheet HTML 39Page - Texas Instruments TL16C750E Datasheet HTML 40Page - Texas Instruments TL16C750E Datasheet HTML 41Page - Texas Instruments TL16C750E Datasheet HTML 42Page - Texas Instruments TL16C750E Datasheet HTML 43Page - Texas Instruments TL16C750E Datasheet HTML 44Page - Texas Instruments TL16C750E Datasheet HTML 45Page - Texas Instruments TL16C750E Datasheet HTML 46Page - Texas Instruments TL16C750E Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
43
TL16C750E
www.ti.com
SLLSF10 – DECEMBER 2019
Product Folder Links: TL16C750E
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9.5.12 Divisor Latches (DLL, DLH, DLF)
Two 8-bit registers store the 16-bit divisor and a 6-bit fractional divisor for generation of the baud clock in the
baud rate generator. DLH, stores the most significant part of the divisor. DLL stores the least significant part of
the division. DLF stores the fractional value of the divisor as x / 64 where x is the value in DLF.
Table 18. DLF Bit Values
BIT
BIT SETTINGS
7
Baud divider bit
0 (default) = Enable divide-by-16 baud divider
1 = Enable divide-by-8 baud divider
6
Reserved
5:0
6 bit fractional divider value (x / 64)
For more information on how to calculate the fractional values, see Fractional Divisor.
DLL, DLH and DLF can only be written to before sleep mode is enabled (that is, before IER[4] is set).
9.5.13 Transmission Control Register (TCR)
This 8-bit register is used to store the receive FIFO threshold levels to start or stop transmission during hardware
or software flow control. Table 19 shows transmission control register bit settings.
Table 19. TCR Bit Settings
BIT
BIT SETTINGS
3:0
RCV FIFO trigger level to HALT transmission (0 to 60)
7:4
RCV FIFO trigger level to RESTORE transmission (0 to 60)
TCR trigger levels are available from 0 to 120 bytes with a granularity of 8.
TCR can be written to only when EFR[4] = 1 and MCR[6] = 1. The programmer must program the TCR such that
TCR[3:0] > TCR[7:4]. There is no built-in hardware check to make sure this condition is met. Also, the TCR must
be programmed with this condition before Auto-RTS or software flow control is enabled to avoid spurious
operation of the device.
9.5.14 Trigger Level Register (TLR)
This 8-bit register is used to store the transmit and received FIFO trigger levels used for DMA and interrupt
generation. Trigger levels from 8 to 120 can be programmed with a granularity of 8. Table 20 shows trigger level
register bit settings.
Table 20. TLR Bit Settings
BIT
BIT SETTINGS
3:0
Transmit FIFO trigger levels (8 to 120), number of spaces available
7:4
RCV FIFO trigger levels (8 to 120), number of characters available
TLR can be written to only when EFR[4] = 1 and MCR[6] = 1. If TLR[3:0] or TLR[7:4] are 0, then the selectable
trigger levels via the FIFO control register (FCR) are used for the transmit and receive FIFO trigger levels.
Trigger levels from 8 to 120 bytes are available with a granularity of 8. The TLR should be programmed for N / 8,
where N is the desired trigger level.


Similar Part No. - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FN TI-TL16C750FN Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FNR TI-TL16C750FNR Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750IPM TI-TL16C750IPM Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750PM TI-TL16C750PM Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
More results

Similar Description - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com