Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C750E Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C750E
Description  TL16C750E UART with 128-Byte FIFO
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C750E Datasheet(HTML) 40 Page - Texas Instruments

Back Button TL16C750E Datasheet HTML 36Page - Texas Instruments TL16C750E Datasheet HTML 37Page - Texas Instruments TL16C750E Datasheet HTML 38Page - Texas Instruments TL16C750E Datasheet HTML 39Page - Texas Instruments TL16C750E Datasheet HTML 40Page - Texas Instruments TL16C750E Datasheet HTML 41Page - Texas Instruments TL16C750E Datasheet HTML 42Page - Texas Instruments TL16C750E Datasheet HTML 43Page - Texas Instruments TL16C750E Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
40
TL16C750E
SLLSF10 – DECEMBER 2019
www.ti.com
Product Folder Links: TL16C750E
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
MCR[7:5] can be modified only when EFR[4] is set, that is, EFR[4] is a write enable.
9.5.7 Modem Control Register (MCR)
The MCR controls the interface with the modem, data set, or peripheral device that is emulating the modem.
Table 12 shows modem control register bit settings.
Table 12. MCR Bit Settings(1)
BIT
BIT SETTINGS
0
0 = Force DTR output to inactive (high)
1 = Force DTR output to active (low). In loopback controls MSR[5]
1
0 = Force RTS output to inactive (high)
1 = Force RTS output to active (low)
In loopback controls MSR[4]
If Auto-RTS is enabled the RTS output is controlled by hardware flow control
2
0 Disables the FIFORdy register
1 Enable the FIFORdy register
In loopback controls MSR[6]
3
0 = Forces the INT output to high-impedance state
1 = Forces the INT output to the active state
In loopback controls MSR[7]
4
0 = Normal operating mode
1 = Enable local loopback mode (internal)
In this mode, the MCR[3:0] signals are looped back into MSR[3:0] and the TX output is looped back to the RX input
internally
5
0 = Disable Xon Any function
1 = Enable Xon Any function
6
0 = No action
1 = Enable access to the TCR and TLR registers
7
0 = Divide by one clock input
1 = Divide by four clock input
(1)
The primary inputs RI, CD, CTS, and DSR are all active low, but their registered equivalents in the MSR and MCR (in loopback)
registers are active high.
9.5.8 Modem Status Register (MSR)
This 8-bit register provides information about the current state of the control lines from the modem, data set, or
peripheral device to the processor. It also indicates when a control input from the modem changes state.
Table 13 shows modem status register bit settings.
Table 13. MSR Bit Settings(1)
BIT
BIT SETTINGS
0
Indicates that CTS input (or MCR[1] in loopback) has changed state. Cleared on a read.
1
Indicates that DSR input (or MCR[0] in loopback) has changed state. Cleared on a read.
2
Indicates that RI input (or MCR[2] in loopback) has changed state from low to high. Cleared on a read.
3
Indicates that CD input (or MCR[3] in loopback) has changed state. Cleared on a read.
4
This bit is equivalent to MCR[1] during local loop-back mode. It is the complement to the CTS input.
5
This bit is equivalent to MCR[0] during local loop-back mode. It is the complement to the DSR input.
6
This bit is equivalent to MCR[2] during local loop-back mode. It is the complement to the RI input.
7
This bit is equivalent to MCR[3] during local loop-back mode. It is the complement to the CD input.


Similar Part No. - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FN TI-TL16C750FN Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FNR TI-TL16C750FNR Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750IPM TI-TL16C750IPM Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750PM TI-TL16C750PM Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
More results

Similar Description - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com