Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C750E Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C750E
Description  TL16C750E UART with 128-Byte FIFO
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C750E Datasheet(HTML) 4 Page - Texas Instruments

  TL16C750E Datasheet HTML 1Page - Texas Instruments TL16C750E Datasheet HTML 2Page - Texas Instruments TL16C750E Datasheet HTML 3Page - Texas Instruments TL16C750E Datasheet HTML 4Page - Texas Instruments TL16C750E Datasheet HTML 5Page - Texas Instruments TL16C750E Datasheet HTML 6Page - Texas Instruments TL16C750E Datasheet HTML 7Page - Texas Instruments TL16C750E Datasheet HTML 8Page - Texas Instruments TL16C750E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
4
TL16C750E
SLLSF10 – DECEMBER 2019
www.ti.com
Product Folder Links: TL16C750E
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
A0
28
I
Address bit 0 select. Internal registers address selection. Refer to Figure 30 for register address map.
A1
27
I
Address bit 1 select. Internal registers address selection. Refer to Figure 30 for register address map.
A2
26
I
Address bit 2 select. Internal registers address selection. Refer to Figure 30 for register address map.
CD
40
I
Carrier detect (active low). A low on these pins indicates that a carrier has been detected by the modem.
CS
11
I
Chip select. When CS is low, this input enables the ACE. When this input is high, the ACE remains inactive. When
MODE is pulled low for "IOR Unused" mode, this will be pulled low and the state of IOW is read to determine if the
transaction is a read or a write
CTS
38
I
Clear to send. CTS is a modem status signal. Its condition can be checked by reading bit 4 (CTS) of the modem
status register. Bit 0 (ΔCTS) of the modem status register indicates that CTS has changed states since the last read
from the modem status register. If the modem status interrupt is enabled when CTS changes levels and the auto-
CTS mode is not enabled, an interrupt is generated. CTS is also used in the auto-CTS mode to control the
transmitter.
D0, D1, D2
D3, D4, D5, D6,
D7
43, 44, 45
46, 47, 2,
3, 4
I/O
Data bus (bidirectional). These pins are the 8-bit, 3-state data bus for transferring information to or from the
controlling CPU. D0 is the least significant bit and the first data bit in a transmit or receive serial data stream.
DSR
39
I
Data set ready. DSR is a modem status signal. Its condition can be checked by reading bit 5 (DSR) of the modem
status register. Bit 1 (ΔDSR) of the modem status register indicates DSR has changed levels since the last read
from the modem status register. If the modem status interrupt is enabled when DSR changes levels, an interrupt is
generated.
DTR
33
O
Data terminal ready. When active (low), DTR informs a modem or data set that the ACE is ready to establish
communication. DTR is placed in the active level by setting the DTR bit of the modem control register. DTR is
placed in the inactive level either as a result of a master reset, during loop mode operation, or clearing the DTR bit.
These pins can also be used in the RS-485 mode to control an external RS-485 driver or transceiver.
MODE
10
I
Interface mode select pin. This pin must be tied to VCC or to GND. If MODE is pulled to VCC, IOR is used in
communication. If MODE is pulled to GND, IOR is NOT used for communication. Only the state of IOW is sampled
when CS is toggled low to determine if the transaction is a read or a write. In this mode, IOR must be connected to
VCC
VSS
18
GND
Power Reference
INT
30
O
Interrupt. When active, INT informs the CPU that the ACE has an interrupt to be serviced. Four conditions that
cause an interrupt to be issued are: a receiver error, received data that is available or timed out (FIFO mode only),
an empty transmitter holding register, or an enabled modem status interrupt. INT is reset (deactivated) either when
the interrupt is serviced or as a result of a master reset.
IOR
19
I
Read inputs. When IOR is active (low) while the ACE is selected, the CPU is allowed to read status information or
data from ACE register.
IOW
16
I
Write input (active low strobe). A valid low level on IOW transfers the contents of the data bus (D0 through D7) from
the external CPU to an internal register that is defined by address bits A0 through A2.
NC
1, 5, 6, 9,
12, 13, 17,
20, 21, 22,
24, 25, 34,
36, 37, 48
No internal connection
OP
31
O
The state of this pin is defined by the user through the software settings of the MCR register, bit 3. INT is set to
active mode and OP to logic 0 when the MCR-3 is set to logic 1. INT is set to the 3-state mode and OP to a logic 1
when MCR-3 is set to a logic 0
RESET
35
I
Reset. RESET resets the internal registers and all the outputs. The UART transmitter output and the receiver input
are disabled during reset time.
RI
41
I
Ring indicator. RI is a modem status signal. Its condition can be checked by reading bit 6 (RI) of the modem status
register. Bit 2 (TERI) of the modem status register indicates that RI has transitioned from a low to a high level since
the last read from the modem status register. If the modem status interrupt is enabled when this transition occurs,
an interrupt is generated.
RTS
32
O
Request to send. When active, RTS informs the modem or data set that the ACE is ready to receive data. RTS is
set to the active level by setting the RTS modem control register bit and is set to the inactive (high) level either as a
result of a master reset or during loop mode operations or by clearing bit 1 (RTS) of the MCR. In the auto-RTS
mode, RTS is set to the inactive level by the receiver threshold control logic
RX
7
I
Receive data input. During the local loopback mode, this RX input pin is disabled and TX data is internally
connected to the UART RX input internally. During normal mode, RX should be held high when no data is being
received. This input also can be used in IrDA mode. For more information, see IrDA Overview.
RXRDY
29
O
Receive ready (active low). RXRDY goes low when the trigger level has been reached or a timeout interrupt occurs.
It go high when the RX FIFO is empty or there is an error in RX FIFO.
TX
8
O
Transmit data. This output is associated with serial transmit data from the TL16C750E device. During the local
loopback mode, the TX input pin is disabled and TX data is internally connected to the UART RX input.
TXRDY
23
O
Transmit ready (active low). TXRDY goes low when there are a trigger level number of spaces available. They go
high when the TX buffer is full.
VCC
42
PWR
Power supply inputs


Similar Part No. - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FN TI-TL16C750FN Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FNR TI-TL16C750FNR Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750IPM TI-TL16C750IPM Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750PM TI-TL16C750PM Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
More results

Similar Description - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com