Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C750E Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C750E
Description  TL16C750E UART with 128-Byte FIFO
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C750E Datasheet(HTML) 36 Page - Texas Instruments

Back Button TL16C750E Datasheet HTML 32Page - Texas Instruments TL16C750E Datasheet HTML 33Page - Texas Instruments TL16C750E Datasheet HTML 34Page - Texas Instruments TL16C750E Datasheet HTML 35Page - Texas Instruments TL16C750E Datasheet HTML 36Page - Texas Instruments TL16C750E Datasheet HTML 37Page - Texas Instruments TL16C750E Datasheet HTML 38Page - Texas Instruments TL16C750E Datasheet HTML 39Page - Texas Instruments TL16C750E Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
TL16C750E
SLLSF10 – DECEMBER 2019
www.ti.com
36
Product Folder Links: TL16C750E
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 8. TL16C750E Internal Registers(1) (2) (continued)
ADDRESS
[A2:A0]
REGISTER
R/W
(3)
ACCESS
CONSIDERATION
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(7)
This register is only accessible when EFR[4] = 1 and MCR[6] = 1
(8)
This register is accessible when LCR[7] = 1, LCR
≠ 0xBF, EFR[4] = 1, MCR ≠ 0bx1x0 x1xx(9)
(9)
A 'x' denotes a do not care for a bit value
(10) This register is accessible when any CS A-B = 0, MCR[2] = 1, and loopback MCR[4] = 0 is disabled.
1 1 0
MSR
R
LCR[7:0]
10111111 & none
of the below
conditions are true
CD#
1
RI#
1
DSR#
1
CTS#
1
CD#
0
RI#
0
DSR#
0
CTS#
0
Xoff1(6)
RW
LCR[7:0] =
10111111
bit 7
1
bit 6
1
bit 5
1
bit 4
1
bit 3
1
bit 2
1
bit 1
1
bit 0
1
TCR(7)
RW
EFR[4] = 1 &
MCR[6] = 1
bit 7
0
bit 6
0
bit 5
0
bit 4
0
bit 3
0
bit 2
0
bit 1
0
bit 0
0
1 1 1
SPR
RW
LCR[7:0]
10111111 & none
of the below
conditions are true
bit 7
0
bit 6
0
bit 5
0
bit 4
0
bit 3
0
bit 2
0
bit 1
0
bit 0
0
Xoff2(6)
RW
LCR[7:0] =
10111111
bit 7
1
bit 6
1
bit 5
1
bit 4
1
bit 3
1
bit 2
1
bit 1
1
bit 0
1
TLR(7)
RW
EFR[4] = 1 &
MCR[6] = 1
bit 7
0
bit 6
0
bit 5
0
bit 4
0
bit 3
0
bit 2
0
bit 1
0
bit 0
0
DLF(8)
RW
LCR[7] = 1, LCR
0xBF, EFR[4] = 1,
MCR
≠ 0bx1x0
x1xx (9)
bit 7
0
bit 6
0 (Reserved,
RO)
bit 5
0
bit 4
0
bit 3
0
bit 2
0
bit 1
0
bit 0
0
FIFORdy(10
)
R
MCR[4] = 0 &
MCR[2] = 1
0
0
0
RX FIFO A
status
0
0
0
0
TX FIFO A status
0


Similar Part No. - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FN TI-TL16C750FN Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FNR TI-TL16C750FNR Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750IPM TI-TL16C750IPM Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750PM TI-TL16C750PM Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
More results

Similar Description - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com