Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C750E Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C750E
Description  TL16C750E UART with 128-Byte FIFO
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C750E Datasheet(HTML) 35 Page - Texas Instruments

Back Button TL16C750E Datasheet HTML 31Page - Texas Instruments TL16C750E Datasheet HTML 32Page - Texas Instruments TL16C750E Datasheet HTML 33Page - Texas Instruments TL16C750E Datasheet HTML 34Page - Texas Instruments TL16C750E Datasheet HTML 35Page - Texas Instruments TL16C750E Datasheet HTML 36Page - Texas Instruments TL16C750E Datasheet HTML 37Page - Texas Instruments TL16C750E Datasheet HTML 38Page - Texas Instruments TL16C750E Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
TL16C750E
www.ti.com
SLLSF10 – DECEMBER 2019
35
Product Folder Links: TL16C750E
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Bits represented by the blue shaded cells can only be modified if EFR[4] is enabled, that is, if enhanced functions are enabled.
(2)
For more register access information, see Figure 30.
(3)
Read = R; Write = W
(4)
This register is only accessible when LCR[7] = 1
(5)
This register is only accessible LCR[7:5] = 100
(6)
This register is only accessible when LCR = 1011 1111 (0xBF)
Table 8. TL16C750E Internal Registers(1) (2)
ADDRESS
[A2:A0]
REGISTER
R/W
(3)
ACCESS
CONSIDERATION
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0 0 0
RHR
R
LCR[7] = 0
bit 7
0
bit 6
0
bit 5
0
bit 4
0
bit 3
0
bit 2
0
bit 1
0
bit 0
0
THR
W
bit 7
0
bit 6
0
bit 5
0
bit 4
0
bit 3
0
bit 2
0
bit 1
0
bit 0
0
DLL(4)
RW
LCR[7] = 1
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
0 0 1
IER
RW
LCR[7] = 0
CTS#
Interrupt
enable(1)
0
RTS# Interrupt
enable(1)
0
Xoff Interrupt
enable(1)
0
Sleep
mode(1)
0
Modem status
interrupt
0
RX line status
interrupt
0
THR empty
interrupt
0
RX data available
interrupt
0
DLH(4)
RW
LCR[7] = 1
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
0 1 0
IIR
R
LCR[7] = 0
FCR(0)
0
FCR(0)
0
CTS# / RTS#
0
Xoff
0
Interrupt
priority bit 2
0
Interrupt
priority bit 1
0
Interrupt
priority bit 0
0
Interrupt status
1
FCR
W
RX trigger
level
0
RX trigger level
0
TX trigger
level(1)
0
TX trigger
level(1)
0
DMA mode
select
0
Resets TX
FIFO
0
Resets RX
FIFO
0
Enable FIFOs
0
AFR(5)
RW
LCR[7:5] = 100
DLY2
0
DLY1
0
DLY0
0
RCVEN
1
485LG
0
485EN
0
IREN
0
RES
0
EFR(6)
RW
LCR[7:0] =
10111111
Auto CTS#
0
Auto RTS#
0
Special
character
detect
0
Enable
enhanced
functions
0
S/W flow
control bit 3
0
S/W flow
control bit 2
0
S/W flow
control bit 1
0
S/W flow control
bit 0
0
0 1 1
LCR
RW
None
DLAB & EFR
enable
0
Break control
bit
0
Sets parity
0
Parity type
select
1
Parity enable
1
No. of stop bits
1
Word length
0
Word length
1
1 0 0
MCR
RW
LCR[7:0]
10111111
1x / 4x
clock(1)
0
TCR & TLR
enable(1)
0
Xon any(1)
0
Enable
loopback
0
INT enable
0
FIFORDY
enable
0
RTS#
0
DTR#
0
Xon1(6)
RW
LCR[7:0] =
10111111
bit 7
1
bit 6
1
bit 5
1
bit 4
1
bit 3
1
bit 2
1
bit 1
1
bit 0
1
1 0 1
LSR
R
LCR[7:0]
10111111
Error in RX
FIFO
0
THR & TSR
empty
1
THR empty
1
Break
interrupt
0
Framing error
0
Parity error
0
Overrun error
0
Data in receiver
0
Xon2(6)
RW
LCR[7:0] =
10111111
bit 7
1
bit 6
1
bit 5
1
bit 4
0
bit 3
1
bit 2
1
bit 1
1
bit 0
1


Similar Part No. - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FN TI-TL16C750FN Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FNR TI-TL16C750FNR Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750IPM TI-TL16C750IPM Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750PM TI-TL16C750PM Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
More results

Similar Description - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com