Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C750E Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C750E
Description  TL16C750E UART with 128-Byte FIFO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C750E Datasheet(HTML) 34 Page - Texas Instruments

Back Button TL16C750E Datasheet HTML 30Page - Texas Instruments TL16C750E Datasheet HTML 31Page - Texas Instruments TL16C750E Datasheet HTML 32Page - Texas Instruments TL16C750E Datasheet HTML 33Page - Texas Instruments TL16C750E Datasheet HTML 34Page - Texas Instruments TL16C750E Datasheet HTML 35Page - Texas Instruments TL16C750E Datasheet HTML 36Page - Texas Instruments TL16C750E Datasheet HTML 37Page - Texas Instruments TL16C750E Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
Receive Holding
Divisor Latch LSB
RHR
DLL
Interrupt Enable
Divisor Latch MSB
IER
DLH
Interrupt
Identification
Alternat e Function
IIR
AFR
Line Control
Enhanced Feature
LCR
EFR
Modem Control
Xon 1 word
MCR
Xon1
Line Stat us
Xon 2 word
LSR
Xon2
Modem Status
Xoff 1 word
MSR
Xoff1
Scratch Register
Xoff 2 word
SPR
Xoff2
Transmission
Control
TCR
Trigger Level
TLR
Accessible only when LCR[7] = 1
Accessible only when LCR[7:5] = 0b100
Accessible only when LCR = 0b1011 1111 (0xBF)
Accessible only when EFR[4] = 1 and MCR[6] = 1
Accessible only when LCR[7] = 1, /&5 • 0xBF, EFR[4] = 1, 0&5 • 0bx1x0x1xx
Fractional Divisor
DLF
FIFO Ready
FIFO RDY
Accessible only when any CS A-B = 0, MCR[2] = 1 and MCR[4] = 0
Transmit Holding
Divisor Latch LSB
THR
DLL
Interrupt Enable
Divisor Latch MSB
IER
DLH
FIFO Control
Alternat e Function
FCR
AFR
Line Control
Enhanced Feature
LCR
EFR
Modem Control
Xon 1 word
MCR
Xon1
Xon 2 word
Xon2
Xoff 1 word
Xoff1
Scratch Register
Xoff 2 word
SPR
Xoff2
Transmission
Control
TCR
Trigger Level
TLR
ADDRESS
[A2:A0]
000
001
010
011
100
101
110
111
READ MODE
WRITE MODE
Fractional Divisor
DLF
34
TL16C750E
SLLSF10 – DECEMBER 2019
www.ti.com
Product Folder Links: TL16C750E
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9.5 Register Maps
9.5.1 Registers Operations
Each register is selected using address lines A[0], A[1], A[2], and in some cases, bits from other registers. The
programming combinations for register selection are shown in Figure 30.
NOTE: MCR[7:5], FCR[5:4], and IER[7:4] can only be modified when EFR[4] is set.
Figure 30. Register Map – Read and Write Properties
Table 8 lists and describes the TL16C750E internal registers.


Similar Part No. - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750 TI2-TL16C750 Datasheet
575Kb / 38P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
REVISED DECEMBER 1997
TL16C750FN TI-TL16C750FN Datasheet
511Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FN TI2-TL16C750FN Datasheet
575Kb / 38P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
REVISED DECEMBER 1997
TL16C750FN.A TI2-TL16C750FN.A Datasheet
575Kb / 38P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
REVISED DECEMBER 1997
More results

Similar Description - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
3.3V QUAD LPC UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com