Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C750E Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C750E
Description  TL16C750E UART with 128-Byte FIFO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C750E Datasheet(HTML) 25 Page - Texas Instruments

Back Button TL16C750E Datasheet HTML 21Page - Texas Instruments TL16C750E Datasheet HTML 22Page - Texas Instruments TL16C750E Datasheet HTML 23Page - Texas Instruments TL16C750E Datasheet HTML 24Page - Texas Instruments TL16C750E Datasheet HTML 25Page - Texas Instruments TL16C750E Datasheet HTML 26Page - Texas Instruments TL16C750E Datasheet HTML 27Page - Texas Instruments TL16C750E Datasheet HTML 28Page - Texas Instruments TL16C750E Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
25
TL16C750E
www.ti.com
SLLSF10 – DECEMBER 2019
Product Folder Links: TL16C750E
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9.3.8 Reset
Table 2 summarizes the state of outputs after reset.
(1)
Registers DLL, DLH, SPR, Xon1, Xon2, Xoff1, and Xoff2 are not reset by the top-level reset signal
RESET, that is, they hold their initialization values during reset.
Table 2. Register Reset Functions(1)
REGISTER
NAME
RESET
CONTROL
RESET STATE
IER
Interrupt enable register
RESET
0x00
IIR
Interrupt identification
register
RESET
0x01
FCR
FIFO control register
RESET
0x00
LCR
Line control register
RESET
0x1D
MCR
Modem control register
RESET
0x00
LSR
Line status register
RESET
0x60
MSR
Modem status register
RESET
Bits 0 to 3 cleared. Bits 4 to 7 input
signals.
EFR
Enhanced feature register
RESET
0x00
RHR
Receiver holding register
RESET
Pointer logic cleared
THR
Transmitter holding
register
RESET
Pointer logic cleared
TCR
Transmission control
register
RESET
0x00
TLR
Trigger level register
RESET
0x00
AFR
Alternate function register
RESET
0x10
Table 3 summarizes the state of outputs after reset.
Table 3. Signal Reset Functions
SIGNAL
RESET CONTROL
RESET STATE
TX
RESET
High
RTS
RESET
High
DTR
RESET
High
RXRDY
RESET
High
TXRDY
RESET
Low


Similar Part No. - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FN TI-TL16C750FN Datasheet
511Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FNR TI-TL16C750FNR Datasheet
511Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750IPM TI-TL16C750IPM Datasheet
511Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750PM TI-TL16C750PM Datasheet
511Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
More results

Similar Description - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
3.3V QUAD LPC UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com