Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C750E Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C750E
Description  TL16C750E UART with 128-Byte FIFO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C750E Datasheet(HTML) 24 Page - Texas Instruments

Back Button TL16C750E Datasheet HTML 20Page - Texas Instruments TL16C750E Datasheet HTML 21Page - Texas Instruments TL16C750E Datasheet HTML 22Page - Texas Instruments TL16C750E Datasheet HTML 23Page - Texas Instruments TL16C750E Datasheet HTML 24Page - Texas Instruments TL16C750E Datasheet HTML 25Page - Texas Instruments TL16C750E Datasheet HTML 26Page - Texas Instruments TL16C750E Datasheet HTML 27Page - Texas Instruments TL16C750E Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
UART 1
Parallel to Serial
Serial to Parallel
Xon-1 Word
Xon-2 Word
Xoff-1 Word
Xoff-2 Word
Transmit
FIFO
Serial to Parallel
Parallel to Serial
Xon-1 Word
Xon-2 Word
Xoff-1 Word
Xoff-2 Word
Receive
FIFO
Data
Xoff − Xon − Xoff
Compare
Programmed
Xon −Xoff
Characters
UART 2
24
TL16C750E
SLLSF10 – DECEMBER 2019
www.ti.com
Product Folder Links: TL16C750E
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Figure 23. Software Flow Control Example
9.3.7 Software Flow Control Example
Assumptions: UART1 is transmitting a large text file to UART2. Both UARTs are using software flow control with
single character Xoff (0F) and Xon (0D) tokens. Both have Xoff threshold (TCR [3:0] = 7) set to 56 and Xon
threshold (TCR[7:4] = 4) set to 32. Both have the interrupt receive threshold (TLR[7:4] = 6) set to 48.
UART1 begins transmission and sends 48 characters, at which point UART2 generates an interrupt to its
processor to service the RCV FIFO, but assumes the interrupt latency is fairly long. UART1 continues sending
characters until a total of 56 characters have been sent. At this time UART2 transmits a 0F to UART1, informing
UART1 to halt transmission. UART1 likely sends the 57th character while UART2 is sending the Xoff character.
Now, UART2 is serviced and the processor reads enough data out of the RCV FIFO that the level drops to 32.
UART2 now sends a 0D to UART1, informing UART1 to resume transmission.
NOTE
It is possible that there could be a glitch on the RXRDY pin when the Xoff2 character is
received with a parity error. A read to the LSR register shows that bit 7 is set, due to an
error in the RX FIFO.


Similar Part No. - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750 TI2-TL16C750 Datasheet
575Kb / 38P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
REVISED DECEMBER 1997
TL16C750FN TI-TL16C750FN Datasheet
511Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FN TI2-TL16C750FN Datasheet
575Kb / 38P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
REVISED DECEMBER 1997
TL16C750FN.A TI2-TL16C750FN.A Datasheet
575Kb / 38P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
REVISED DECEMBER 1997
More results

Similar Description - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
3.3V QUAD LPC UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com